Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT14PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVT14PW
Description  3.3 V hex inverter Schmitt trigger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT14PW Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVT14PW Datasheet HTML 1Page - NXP Semiconductors 74LVT14PW Datasheet HTML 2Page - NXP Semiconductors 74LVT14PW Datasheet HTML 3Page - NXP Semiconductors 74LVT14PW Datasheet HTML 4Page - NXP Semiconductors 74LVT14PW Datasheet HTML 5Page - NXP Semiconductors 74LVT14PW Datasheet HTML 6Page - NXP Semiconductors 74LVT14PW Datasheet HTML 7Page - NXP Semiconductors 74LVT14PW Datasheet HTML 8Page - NXP Semiconductors 74LVT14PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
74LVT14_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 25 April 2008
5 of 13
NXP Semiconductors
74LVT14
3.3 V hex inverter Schmitt trigger
10. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 °C and VCC = 3.3 V.
11. Waveforms
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 8.
Symbol Parameter
Conditions
−40 °C to +85 °C
Unit
Min
Typ[1]
Max
tPLH
LOW to HIGH propagation delay
nA to nY
VCC = 2.7 V
-
-
6.9
ns
VCC = 3.3 V + 0.3 V
1.0
3.8
5.7
ns
tPHL
HIGH to LOW propagation delay
nA to nY
VCC = 2.7 V
-
-
4.1
ns
VCC = 3.3 V + 0.3 V
1.0
3.2
4.5
ns
See Table 8 for measurement points.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 6.
nA Input to nY output propagation delays
mna344
tPHL
tPLH
VM
VM
VM
VM
nA input
nY output
GND
VI
VOH
VOL
a. Transfer characteristics
b. Voltage levels
Fig 7.
Definition of VT+, VT− and VH
mna207
VO
VI
VH
VT+
VT−
mna208
VO
VI
VH
VT+
VT−


Similar Part No. - 74LVT14PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT14PW PHILIPS-74LVT14PW Datasheet
102Kb / 10P
   3.3V Hex inverter Schmitt trigger
1996 Aug 28
logo
Nexperia B.V. All right...
74LVT14PW NEXPERIA-74LVT14PW Datasheet
235Kb / 13P
   3.3 V hex inverter Schmitt trigger
Rev. 4 - 28 July 2021
logo
NXP Semiconductors
74LVT14PWDH PHILIPS-74LVT14PWDH Datasheet
102Kb / 10P
   3.3V Hex inverter Schmitt trigger
1996 Aug 28
More results

Similar Description - 74LVT14PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT14 NEXPERIA-74LVT14 Datasheet
235Kb / 13P
   3.3 V hex inverter Schmitt trigger
Rev. 4 - 28 July 2021
logo
NXP Semiconductors
74LVT14 PHILIPS-74LVT14_15 Datasheet
97Kb / 13P
   3.3 V hex inverter Schmitt trigger
Rev. 02-25 April 2008
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com