Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT245BD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVT245BD
Description  3.3 V octal transceiver with direction pin (3-state)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT245BD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT245BD Datasheet HTML 2Page - NXP Semiconductors 74LVT245BD Datasheet HTML 3Page - NXP Semiconductors 74LVT245BD Datasheet HTML 4Page - NXP Semiconductors 74LVT245BD Datasheet HTML 5Page - NXP Semiconductors 74LVT245BD Datasheet HTML 6Page - NXP Semiconductors 74LVT245BD Datasheet HTML 7Page - NXP Semiconductors 74LVT245BD Datasheet HTML 8Page - NXP Semiconductors 74LVT245BD Datasheet HTML 9Page - NXP Semiconductors 74LVT245BD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74LVT245B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 8 May 2008
6 of 15
NXP Semiconductors
74LVT245B
3.3 V octal transceiver with direction pin (3-state)
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 °C.
[2]
Unused pins at VCC or GND.
[3]
This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms. From VCC = 1.2 V to VCC = 3.6 V a
transition time of 100 ms is permitted. This parameter is valid for Tamb = +25 °C only.
[4]
This is the bus hold overdrive current required to force the input to the opposite logic state.
[5]
This is the increase in supply current for each input at the specified voltage level other than VCC or GND.
10. Dynamic characteristics
IBHHO
bus hold HIGH
overdrive current
VCC = 0 V to 3.0 V; VI = 3.6 V
-
-
−500 µA
ICC
supply current
VCC = 3.6 V; VI =VCC or GND; IO =0A
outputs HIGH
-
0.13
0.19
mA
outputs LOW
-
3
12
mA
outputs disabled
-
0.13
0.19
mA
∆ICC
additional supply current
per input pin; VCC = 3.0 V to 3.6 V;
one input = VCC − 0.6 V others = VCC or GND
[5]
-
0.1
0.2
mA
CI
input capacitance
DIR and OE inputs; VI = 0 V or 3.0 V
-
4
-
pF
CI/O
input/output capacitance
at input/output data pins, outputs disabled;
VI/O = 0 V or 3.0 V
-10
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
Unit
Min
Typ[1]
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 7.
Symbol Parameter
Conditions
−40 °C to +85 °C
Unit
Min
Typ[1]
Max
tPLH
LOW to HIGH propagation delay
An to Bn or Bn to An
VCC = 2.7 V
-
-
4.0
ns
VCC = 3.3 V ± 0.3 V
1.2
2.4
3.5
ns
tPHL
HIGH to LOW propagation delay
An to Bn or Bn to An
VCC = 2.7 V
-
-
4.0
ns
VCC = 3.3 V ± 0.3 V
1.2
2.4
3.5
ns
tPZH
OFF-state to HIGH propagation delay see Figure 6
VCC = 2.7 V
-
-
7.1
ns
VCC = 3.3 V ± 0.3 V
1.3
3.3
5.5
ns
tPZL
OFF-state to LOW propagation delay
see Figure 6
VCC = 2.7 V
-
-
6.5
ns
VCC = 3.3 V ± 0.3 V
1.7
3.2
5.5
ns
tPHZ
HIGH to OFF-state propagation delay see Figure 6
VCC = 2.7 V
-
-
6.5
ns
VCC = 3.3 V ± 0.3 V
2.2
3.6
5.9
ns


Similar Part No. - 74LVT245BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT245BD PHILIPS-74LVT245BD Datasheet
106Kb / 10P
   3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
logo
Nexperia B.V. All right...
74LVT245BD NEXPERIA-74LVT245BD Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 3 - 30 July 2021
logo
NXP Semiconductors
74LVT245BDB PHILIPS-74LVT245BDB Datasheet
106Kb / 10P
   3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
More results

Similar Description - 74LVT245BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
logo
Nexperia B.V. All right...
74LVT245 NEXPERIA-74LVT245 Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
logo
NXP Semiconductors
74LVT245 NXP-74LVT245 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 03-8 May 2008
logo
Nexperia B.V. All right...
74LVT245B NEXPERIA-74LVT245B Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 3 - 30 July 2021
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74ABT245 PHILIPS-74ABT245 Datasheet
104Kb / 10P
   Octal transceiver with direction pin 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT245 NEXPERIA-74ABT245 Datasheet
233Kb / 12P
   Octal transceiver with direction pin; 3-state
Rev. 5 - 9 July 2021
logo
NXP Semiconductors
74ABT245DB NXP-74ABT245DB Datasheet
827Kb / 6P
   Octal transceiver with direction pin (3-State)
74LVT245 PHILIPS-74LVT245 Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
74LVT245B PHILIPS-74LVT245B Datasheet
106Kb / 10P
   3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com