Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT16374A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVT16374A
Description  3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT16374A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVT16374A Datasheet HTML 6Page - NXP Semiconductors 74LVT16374A Datasheet HTML 7Page - NXP Semiconductors 74LVT16374A Datasheet HTML 8Page - NXP Semiconductors 74LVT16374A Datasheet HTML 9Page - NXP Semiconductors 74LVT16374A Datasheet HTML 10Page - NXP Semiconductors 74LVT16374A Datasheet HTML 11Page - NXP Semiconductors 74LVT16374A Datasheet HTML 12Page - NXP Semiconductors 74LVT16374A Datasheet HTML 13Page - NXP Semiconductors 74LVT16374A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
74LVT_LVTH16374A_7
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 22 March 2010
10 of 19
NXP Semiconductors
74LVT16374A; 74LVTH16374A
3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Measurements points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 8.
Enable and disable times
001aae464
tPZL
nYn output
nYn output
nOE input
VOL
VOH
3.0 V
VI
VM
GND
0 V
tPLZ
tPZH
tPHZ
VX
VY
VM
VM
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Remark: The shaded areas indicate when the input is permitted to change for predictable output performance.
Fig 9.
Data set-up and hold times
001aaa257
GND
GND
th
tsu
th
tsu
VM
VM
VM
VI
VOH
VOL
VI
nQn output
nCP input
nDn input


Similar Part No. - 74LVT16374A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
logo
Nexperia B.V. All right...
74LVT16374A NEXPERIA-74LVT16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
logo
NXP Semiconductors
74LVT16374ADGG PHILIPS-74LVT16374ADGG Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
logo
Nexperia B.V. All right...
74LVT16374ADGG NEXPERIA-74LVT16374ADGG Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
logo
NXP Semiconductors
74LVT16374ADL PHILIPS-74LVT16374ADL Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
More results

Similar Description - 74LVT16374A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT-LVTH16374A NEXPERIA-74LVT-LVTH16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
NXP Semiconductors
74ALVCH16374 NXP-74ALVCH16374 Datasheet
158Kb / 17P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 03-27 April 2010
logo
Texas Instruments
SN74LVTH16374-EP TI1-SN74LVTH16374-EP Datasheet
301Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74AVC16374 PHILIPS-74AVC16374 Datasheet
84Kb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74LVC16374A-Q100 NEXPERIA-74LVC16374A-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
74AVC16374 NEXPERIA-74AVC16374 Datasheet
1Mb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
Rev. 3 - 16 August 2013
74AVC16374-Q100 NEXPERIA-74AVC16374-Q100 Datasheet
772Kb / 16P
   16-bit edge triggered D-type flip-flop 3.6 V tolerant; 3-state
74LVC16374A NEXPERIA-74LVC16374A Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
logo
NXP Semiconductors
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com