Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT16244BDGG Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVT16244BDGG
Description  3.3 V 16-bit buffer/driver; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT16244BDGG Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVT16244BDGG Datasheet HTML 1Page - NXP Semiconductors 74LVT16244BDGG Datasheet HTML 2Page - NXP Semiconductors 74LVT16244BDGG Datasheet HTML 3Page - NXP Semiconductors 74LVT16244BDGG Datasheet HTML 4Page - NXP Semiconductors 74LVT16244BDGG Datasheet HTML 5Page - NXP Semiconductors 74LVT16244BDGG Datasheet HTML 6Page - NXP Semiconductors 74LVT16244BDGG Datasheet HTML 7Page - NXP Semiconductors 74LVT16244BDGG Datasheet HTML 8Page - NXP Semiconductors 74LVT16244BDGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
74LVT_LVTH16244B_8
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 08 — 22 March 2010
4 of 18
NXP Semiconductors
74LVT16244B; 74LVTH16244B
3.3 V 16-bit buffer/driver; 3-state
5.2 Pin description
(1) The die substrate is attached to this pad using conductive die attach material. It can not be used as a supply pin or input.
Fig 5.
Pin configuration SOT1134-1 (HXQFN60U)
D1
D3
A16
A15
A14
A13
A12
A11
D2
B9
B10
D7
A17
A18
B11
A19
B12
A20
B13
A21
B14
B8
A10
D6
A9
A8
B7
B6
A7
B5
A6
A22
B15
A23
B16
A24
B17
A25
A26
D8
D4
A27
B18
A28
A29
B19
B20
A30
A31
A32
B4
A5
B3
B2
B1
D5
A4
A3
A2
A1
74LVT16244B
74LVTH16244B
001aaj056
Transparent top view
GND(1)
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
SOT370-1 and
SOT362-1
SOT702-1
SOT1134-1
1OE, 2OE,
3OE, 4OE
1, 48, 25, 24
A1, A6, K6, K1
A30, A29, A14, A13
output enable input (active LOW)
1Y0 to 1Y3
2, 3, 5, 6
B2, B1, C2, C1
B20, A31, D5, D1
data output
2Y0 to 2Y3
8, 9, 11, 12
D2, D1, E2, E1
A2, B2, B3, A5
data output
3Y0 to 3Y3
13, 14, 16, 17
F1, F2, G1, G2
A6, B5, B6, A9
data output
4Y0 to 4Y3
19, 20, 22, 23
H1, H2, J1, J2
D2, D6, A12, B8
data output


Similar Part No. - 74LVT16244BDGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16244BDGG PHILIPS-74LVT16244BDGG Datasheet
80Kb / 10P
   3.3V LVT 16-bit buffer/driver 3-State
1998 Oct 07
74LVT16244BDGG PHILIPS-74LVT16244BDGG Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVT16244BDGG NXP-74LVT16244BDGG Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
logo
Nexperia B.V. All right...
74LVT16244BDGG NEXPERIA-74LVT16244BDGG Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
logo
Texas Instruments
74LVT16244BDGGRG4 TI-74LVT16244BDGGRG4 Datasheet
509Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVT16244BDGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
logo
Nexperia B.V. All right...
74LVTN16244B NEXPERIA-74LVTN16244B Datasheet
201Kb / 11P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 6 - 4 October 2018
logo
NXP Semiconductors
74LVTN16244B PHILIPS-74LVTN16244B_15 Datasheet
193Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 5-2 April 2012
logo
Nexperia B.V. All right...
74LVTH16244B NEXPERIA-74LVTH16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
logo
NXP Semiconductors
74LVT_LVTH16244B PHILIPS-74LVT_LVTH16244B_15 Datasheet
258Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 11-1 March 2012
74LVT16244B PHILIPS-74LVT16244B_06 Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVTN16244B NXP-74LVTN16244B Datasheet
94Kb / 15P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 01-13 July 2009
74LVTN16244B NXP-74LVTN16244B_10 Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74ALVC_ALVCH16244 PHILIPS-74ALVC_ALVCH16244_15 Datasheet
91Kb / 20P
   2.5 V/3.3 V 16-bit buffer/line driver (3-state)
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com