Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTN16245B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVTN16245B
Description  3.3 V 16-bit transceiver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTN16245B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVTN16245B_10 Datasheet HTML 5Page - NXP Semiconductors 74LVTN16245B_10 Datasheet HTML 6Page - NXP Semiconductors 74LVTN16245B_10 Datasheet HTML 7Page - NXP Semiconductors 74LVTN16245B_10 Datasheet HTML 8Page - NXP Semiconductors 74LVTN16245B_10 Datasheet HTML 9Page - NXP Semiconductors 74LVTN16245B_10 Datasheet HTML 10Page - NXP Semiconductors 74LVTN16245B_10 Datasheet HTML 11Page - NXP Semiconductors 74LVTN16245B_10 Datasheet HTML 12Page - NXP Semiconductors 74LVTN16245B_10 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
74LVTN16245B_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 23 March 2010
9 of 17
NXP Semiconductors
74LVTN16245B
3.3 V 16-bit transceiver; 3-state
10. Dynamic characteristics
[1]
Typical values are measured at VCC = 3.3 V and Tamb = 25 °C.
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Tamb = −40 °C to +85 °C
tPLH
LOW to HIGH
propagation delay
nAn to nBn or nBn to nAn;
see Figure 5
VCC = 2.7 V
-
-
3.5
ns
VCC = 3.0 V to 3.6 V
1.0
1.9
3.3
ns
tPHL
HIGH to LOW
propagation delay
nAn to nBn or nBn to nAn;
see Figure 5
VCC = 2.7 V
-
-
3.5
ns
VCC = 3.0 V to 3.6 V
1.0
1.7
3.3
ns
tPZH
OFF-state to HIGH
propagation delay
nOE to nAn or nBn;
see Figure 6
VCC = 2.7 V
-
-
5.3
ns
VCC = 3.0 V to 3.6 V
1.0
2.8
4.5
ns
tPZL
OFF-state to LOW
propagation delay
nOE to nAn or nBn;
see Figure 6
VCC = 2.7 V
-
-
5.1
ns
VCC = 3.0 V to 3.6 V
1.0
2.8
4.1
ns
tPHZ
HIGH to OFF-state
propagation delay
nOE to nAn or nBn;
see Figure 6
VCC = 2.7 V
-
-
5.7
ns
VCC = 3.0 V to 3.6 V
1.5
3.2
5.1
ns
tPLZ
LOW to OFF-state
propagation delay
nOE to nAn or nBn;
see Figure 6
VCC = 2.7 V
-
-
4.6
ns
VCC = 3.0 V to 3.6 V
1.5
3.0
4.6
ns


Similar Part No. - 74LVTN16245B_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTN16245B NXP-74LVTN16245B_11 Datasheet
160Kb / 17P
   3.3 V 16-bit transceiver; 3-state Output capability: 64 mA and ??2 mA
Rev. 3-15 June 2011
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
More results

Similar Description - 74LVTN16245B_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B NXP-74LVTN16245B Datasheet
101Kb / 16P
   3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
logo
Nexperia B.V. All right...
74LVTN16245B NEXPERIA-74LVTN16245B Datasheet
212Kb / 13P
   3.3 V 16-bit transceiver; 3-state
Rev. 6 - 30 October 2018
74LVTH16245B NEXPERIA-74LVTH16245B Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
logo
NXP Semiconductors
74LVT16245B NXP-74LVT16245B Datasheet
182Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 07-29 March 2010
logo
Nexperia B.V. All right...
74LVT16543A NEXPERIA-74LVT16543A Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com