Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD-109 Datasheet(PDF) 2 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD-109
Description  High power stepper motor motion system
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD-109 Datasheet(HTML) 2 Page - TRINAMIC Motion Control GmbH & Co. KG.

  PD-109_06 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. PD-109_06 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright © 2006, TRINAMIC Motion Control GmbH & Co. KG
www.trinamic.com
1. Make sure the COM port you intend to use is
not blocked by an other program.
2. Open TMCL IDE (available at TechLibCD and www.trinamic.com) by
clicking TMCL.exe.
3. Choose Setup and Options…
and then the connection tab.
4. Choose COM port and type in
parameters
shown
above
(baudrate 9600). Click OK.
5. Write a program code into
the white field and save it
with File/Save.
Assemble
Download
Run
Stop
6. Click “Assemble” first, then
“Download”
and
“Run”
button to start the program.
"Direct Mode"
7. Stop all running programs
by clicking “Stop button”
and start “Direct Mode”.
8. If communication is established the PD-109 is automatically detected.
Issue a command by choosing Instruction, Type, Motor, Value and
press Execute to send it to the PD-109.
Following commands can be
included into a program or
used in “Direct Mode”. There are motion (ROR, ROL,
MST, MVP) and SAP (Set Axis Parameter) commands to
set motion and control parameters. GAP delivers their
actual value.
Instr.
Type
Value
Description
(don´t care)
0..2047
Rotate right
ROR
ROR <motor no.>, <Value>
(don´t care)
0..2047
Rotate left
ROL
ROL <motor no.>, <Value>
(don´t care)
Motor stop
MST
MST <motor no.>, <Value>
ABS|REL|COORD
23 bit
Move to pos.
MVP
MVP <type>, <motor no.>, <Value>
2
23 bit
Actual pos.
4
0..2047
Max speed
5
0..2047
Max accell.
6
0..1500
Max current
7
0..1500
Standby curr.
140
0..6
Microstep res.
SAP <type no.>,<motor no.>,<Value>
SAP
Sets motion and control parameters
GAP <type no.>, <motor no.>
GAP
Gives actual values of SAP parameters
For full instruction set and further description refer to
TMCL-Reference at TechLibCD or www.trinamic.com.
If communication is not established:
Check if the LED of the PD-109 lights. If not check
your power supply.
Try to start “Direct Mode” and see if the PD-109 is
detected automatically. If not close window.
Check if you are using the right COM port and it
is not used by another program.
Check
your
connection
settings,
default:
9600 baud and address 1.
Check your interface connection to PD-109.
Termination and telegram pause time OK ?
Refer to PD-109 manual or Trinamic discussion
group.
If motor does not respond:
Usually it is a problem with the communication
described above.
If you are using a TMCL program try a movement
command in “Direct Mode” to see if there is a
problem with your program.
Check the motor connection. And power LED of
the module.
Restore factory settings to cancel all settings
modified by user by issuing instruction 137.
TMCL IDE:
Commands:
Troubleshooting:


Similar Part No. - PD-109_06

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-109-57 TRINAMIC-PD-109-57 Datasheet
213Kb / 1P
   57mm / NEMA23 Stepper Motor with Controller / Driver and Serial Interface
More results

Similar Description - PD-109_06

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-013 TRINAMIC-PD-013_1 Datasheet
193Kb / 2P
   Start into stepper motor motion systems
TMCM-310 TRINAMIC-TMCM-310_07 Datasheet
222Kb / 2P
   3-Axis Stepper Motor Motion Control Module
TMC429 TRINAMIC-TMC429 Datasheet
339Kb / 1P
   Three Axis universal motion controller for stepper motor drivers
logo
National Instruments Co...
NI735X NI-NI735X Datasheet
209Kb / 5P
   High-Performance Stepper/Servo Motion Controllers
logo
STMicroelectronics
GS-DC200 STMICROELECTRONICS-GS-DC200 Datasheet
92Kb / 7P
   STEPPER MOTOR CONTROL AND DRIVE SYSTEM FAMILY
logo
National Instruments Co...
NI7330 NI-NI7330 Datasheet
113Kb / 2P
   Low-Cost Stepper Motion Controllers
logo
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
   MOTION CONTROLLER FOR STEPPER MOTORS
logo
STEPPERONLINE
23HS22-1504S STEPPERONLINE-23HS22-1504S Datasheet
188Kb / 1P
   STEPPER MOTOR
logo
Festo Corporation.
EMMS-ST-42-S-SEB-G2 FESTO-EMMS-ST-42-S-SEB-G2 Datasheet
76Kb / 1P
   Stepper motor
EMMS-ST-28-L-SE FESTO-EMMS-ST-28-L-SE Datasheet
73Kb / 1P
   Stepper motor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com