Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1761T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TEA1761T
Description  GreenChip synchronous rectifier controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1761T Datasheet(HTML) 2 Page - NXP Semiconductors

  TEA1761T Datasheet HTML 1Page - NXP Semiconductors TEA1761T Datasheet HTML 2Page - NXP Semiconductors TEA1761T Datasheet HTML 3Page - NXP Semiconductors TEA1761T Datasheet HTML 4Page - NXP Semiconductors TEA1761T Datasheet HTML 5Page - NXP Semiconductors TEA1761T Datasheet HTML 6Page - NXP Semiconductors TEA1761T Datasheet HTML 7Page - NXP Semiconductors TEA1761T Datasheet HTML 8Page - NXP Semiconductors TEA1761T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TEA1761T_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 25 April 2007
2 of 13
NXP Semiconductors
TEA1761T
GreenChip synchronous rectifier controller
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
TEA1761T/N2
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
Fig 1.
TEA1761T block diagram
014aaa056
2.5 V
OVER
TEMPERATURE
PROTECTION
VCC
OPTO
VSENSE
8
3
n.c.
2
GND
5
SRSENSE
1
4
R
S
Q
Q
6
50 mV
−55 mV
DRIVER
control
ISENSE
7
−12 mV
−310 mV
TIMER
2
µs
2.2
µs


Similar Part No. - TEA1761T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1762T PHILIPS-TEA1762T Datasheet
81Kb / 15P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
More results

Similar Description - TEA1761T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1792ATS NXP-TEA1792ATS Datasheet
324Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1998TS NXP-TEA1998TS Datasheet
230Kb / 18P
   GreenChip synchronous rectifier controller
Rev. 1-16 February 2017
TEA2093TS NXP-TEA2093TS Datasheet
273Kb / 19P
   GreenChip synchronous rectifier controller
Rev. 1 ??7 June 2022
TEA1892ATS PHILIPS-TEA1892ATS Datasheet
138Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 April 2014
TEA1762T PHILIPS-TEA1762T Datasheet
81Kb / 15P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1792AT NXP-TEA1792AT Datasheet
330Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1999TK NXP-TEA1999TK Datasheet
255Kb / 21P
   GreenChip synchronous rectifier controller
Rev. 2-3 November 2017
TEA1795T PHILIPS-TEA1795T Datasheet
142Kb / 14P
   GreenChip synchronous rectifier controller
Rev. 1-4 November 2010
TEA1993TS NXP-TEA1993TS Datasheet
207Kb / 20P
   GreenChip synchronous rectifier controller
Rev.1.1-14 September 2016
TEA1791T NXP-TEA1791T_V01 Datasheet
257Kb / 12P
   GreenChip synchronous rectifier controller
Rev. 02-7 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com