Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFA9810T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TFA9810T
Description  Stereo full-bridge audio amplifier 2 x 12 W
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TFA9810T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TFA9810T Datasheet HTML 2Page - NXP Semiconductors TFA9810T Datasheet HTML 3Page - NXP Semiconductors TFA9810T Datasheet HTML 4Page - NXP Semiconductors TFA9810T Datasheet HTML 5Page - NXP Semiconductors TFA9810T Datasheet HTML 6Page - NXP Semiconductors TFA9810T Datasheet HTML 7Page - NXP Semiconductors TFA9810T Datasheet HTML 8Page - NXP Semiconductors TFA9810T Datasheet HTML 9Page - NXP Semiconductors TFA9810T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TFA9810_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 20 February 2008
6 of 29
NXP Semiconductors
TFA9810
Audio amplifier 2 x 12 W
In SLEEP mode the TFA9810 is not biased and has a very low supply current.
When the TFA9810 is set to OPERATING mode the device is started via the start-up
sequence, which provides a pop-free start-up behavior. After start-up the reference
voltages STAB are present and the outputs start switching.
8.3 Input comparators
The input stages have a differential input and are optimized for low noise and low offset.
This results in maximum flexibility in the application.
8.3.1 Operating in self-oscillating configuration
The inputs (IN1P, IN1N, IN2P, IN2N) of the comparators are internally set to a voltage level
of 0.5VP, but only during the start-up sequence. In operating mode the inputs are
high-ohmic.
8.3.2 Operating in open-loop configuration
No internal voltages are applied to the inputs. The input pins (IN1P, IN1N, IN2P, IN2N) are
pulled down to VSSA level by internal resistors.
8.4 Diagnostic
The DIAG output is an open-drain output. The maximum current is 2 mA. Whenever one
of the protections is triggered the DIAG output is activated low. The DIAG output refers to
VSSD.
8.5 Protections
Overtemperature, overcurrent, overvoltage, undervoltage, overdissipation sensors, and
window protection are included in the TFA9810. When one of these sensors exceeds its
threshold level either the output power stage is switched off and the outputs (OUT1N,
OUT1P, OUT2N, OUT2P) become floating, or the TFA9810 shuts down and starts up
immediately.
OverTemperature Protection (OTP)
If the junction temperature (Tj) exceeds a threshold level of about 150 °C then the
outputs become floating. The device will start switching again after 5
µs and when the
temperature is below 150
°C. This is thermal limitation without audible interruptions.
OverCurrent Protection (OCP)
If the output current exceeds the maximum output current threshold level the output
becomes floating. The device will start switching again after 5
µs. This is current
limitation without audible interruptions.
Table 5.
Start-up
Interfacing
ENABLE [V]
Mode
ENABLE < 0.8 V
SLEEP
ENABLE > 3 V
OPERATING


Similar Part No. - TFA9810T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9810T NXP-TFA9810T Datasheet
148Kb / 29P
   Stereo full-bridge audio amplifier 2 x 12 W
Rev. 02-30 August 2007
TFA9810TN1 PHILIPS-TFA9810TN1 Datasheet
172Kb / 29P
   Stereo full-bridge audio amplifier 2 x 12 W
Rev. 03-20 February 2008
More results

Similar Description - TFA9810T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9810 NXP-TFA9810 Datasheet
148Kb / 29P
   Stereo full-bridge audio amplifier 2 x 12 W
Rev. 02-30 August 2007
TFA9810TN1 PHILIPS-TFA9810TN1 Datasheet
172Kb / 29P
   Stereo full-bridge audio amplifier 2 x 12 W
Rev. 03-20 February 2008
TFA9815 NXP-TFA9815 Datasheet
139Kb / 26P
   Stereo full-bridge audio amplifier 2 x 17 W
Rev. 01-16 December 2008
TDA8944J PHILIPS-TDA8944J Datasheet
580Kb / 21P
   2 x 7 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 February 2000
TDA8946J PHILIPS-TDA8946J Datasheet
393Kb / 23P
   2 x 15 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8942P PHILIPS-TDA8942P Datasheet
395Kb / 23P
   2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
logo
Siemens Semiconductor G...
TDA4930 SIEMENS-TDA4930 Datasheet
580Kb / 14P
   Stereo/Bridge AF Amplifier 2 x 10 W/20 W
logo
NXP Semiconductors
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com