Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJA1054U Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TJA1054U
Description  Fault-tolerant CAN transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1054U Datasheet(HTML) 4 Page - NXP Semiconductors

  TJA1054U Datasheet HTML 1Page - NXP Semiconductors TJA1054U Datasheet HTML 2Page - NXP Semiconductors TJA1054U Datasheet HTML 3Page - NXP Semiconductors TJA1054U Datasheet HTML 4Page - NXP Semiconductors TJA1054U Datasheet HTML 5Page - NXP Semiconductors TJA1054U Datasheet HTML 6Page - NXP Semiconductors TJA1054U Datasheet HTML 7Page - NXP Semiconductors TJA1054U Datasheet HTML 8Page - NXP Semiconductors TJA1054U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TJA1054_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 24 September 2009
4 of 25
NXP Semiconductors
TJA1054
Fault-tolerant CAN transceiver
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration
TJA1054T
INH
BAT
TXD
GND
RXD
CANL
ERR
CANH
STB
VCC
EN
RTL
WAKE
RTH
001aaf610
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Table 3.
Pin description
Symbol
Pin
Description
INH
1
inhibit output for switching an external voltage regulator if a
wake-up signal occurs
TXD
2
transmit data input for activating the driver to the bus lines
RXD
3
receive data output for reading out the data from the bus lines
ERR
4
error, wake-up and power-on indication output; active LOW in
normal operating mode when a bus failure is detected; active LOW
in standby and sleep mode when a wake-up is detected; active
LOW in power-on standby when a VBAT power-on event is detected
STB
5
standby digital control signal input; together with the input signal
on pin EN this input determines the state of the transceiver;
see Table 5 and Figure 3
EN
6
enable digital control signal input; together with the input signal on
pin STB this input determines the state of the transceiver;
see Table 5 and Figure 3
WAKE
7
local wake-up signal input (active LOW); both falling and rising
edges are detected
RTH
8
termination resistor connection; in case of a CANH bus wire error
the line is terminated with a predefined impedance
RTL
9
termination resistor connection; in case of a CANL bus wire error
the line is terminated with a predefined impedance
VCC
10
supply voltage
CANH
11
HIGH-level CAN bus line
CANL
12
LOW-level CAN bus line
GND
13
ground
BAT
14
battery supply voltage


Similar Part No. - TJA1054U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1054U NXP-TJA1054U Datasheet
811Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 4-3 August 2010
More results

Similar Description - TJA1054U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 15
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682 Datasheet
270Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
STMicroelectronics
L9669 STMICROELECTRONICS-L9669 Datasheet
205Kb / 13P
   FAULT TOLERANT CAN TRANSCEIVER
logo
NXP Semiconductors
TJA1054_1008 NXP-TJA1054_1008 Datasheet
811Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 4-3 August 2010
logo
AMI SEMICONDUCTOR
AMIS-4168X AMI-AMIS-4168X Datasheet
625Kb / 18P
   Fault Tolerant CAN Transceiver
logo
NXP Semiconductors
TJA1054 PHILIPS-TJA1054 Datasheet
124Kb / 20P
   Fault-tolerant CAN transceiver
1999 Feb 11
logo
ON Semiconductor
AMIS41682NGA ONSEMI-AMIS41682NGA Datasheet
259Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054A NXP-TJA1054A Datasheet
152Kb / 27P
   Fault-tolerant CAN transceiver
Rev. 05-29 September 2009
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682_15 Datasheet
219Kb / 16P
   Fault Tolerant CAN Transceiver
April, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com