Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431BMSDT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TL431BMSDT
Description  Adjustable precision shunt regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TL431BMSDT Datasheet(HTML) 4 Page - NXP Semiconductors

  TL431BMSDT Datasheet HTML 1Page - NXP Semiconductors TL431BMSDT Datasheet HTML 2Page - NXP Semiconductors TL431BMSDT Datasheet HTML 3Page - NXP Semiconductors TL431BMSDT Datasheet HTML 4Page - NXP Semiconductors TL431BMSDT Datasheet HTML 5Page - NXP Semiconductors TL431BMSDT Datasheet HTML 6Page - NXP Semiconductors TL431BMSDT Datasheet HTML 7Page - NXP Semiconductors TL431BMSDT Datasheet HTML 8Page - NXP Semiconductors TL431BMSDT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TL431_FAM_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 20 January 2010
4 of 23
NXP Semiconductors
TL431 family
Adjustable precision shunt regulator
8.
Pinning information
9.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
Table 5.
Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
Normal pinning: All types except TL431AMSDT, TL431BMSDT and TL431MSDT
1
k
cathode
2
REF
reference
3
a
anode
Mirrored pinning: TL431AMSDT, TL431BMSDT and TL431MSDT
1
REF
reference
2
k
cathode
3
a
anode
12
3
006aab355
REF
ak
12
3
006aab355
REF
ak
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VKA
cathode-anode voltage
-
37
V
IK
cathode current
−100
150
mA
Iref
reference current
−0.05
10
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -350
mW
[2] -580
mW
[3] -950
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
TL431XCDBZR
0
+70
°C
TL431XIDBZR
−40
+85
°C
TL431XQDBZR
TL431XSDT
−40
+125
°C
Tstg
storage temperature
−65
+150
°C


Similar Part No. - TL431BMSDT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TL431BMSDT PHILIPS-TL431BMSDT Datasheet
277Kb / 27P
   Adjustable precision shunt regulator
Rev. 4-30 June 2011
TL431BMSDT NXP-TL431BMSDT Datasheet
277Kb / 27P
   Adjustable precision shunt regulator
Rev. 4-30 June 2011
More results

Similar Description - TL431BMSDT

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com