Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0801S040 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # ADC0801S040
Description  Single 8 bits ADC, up to 40 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC0801S040 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button ADC0801S040 Datasheet HTML 5Page - NXP Semiconductors ADC0801S040 Datasheet HTML 6Page - NXP Semiconductors ADC0801S040 Datasheet HTML 7Page - NXP Semiconductors ADC0801S040 Datasheet HTML 8Page - NXP Semiconductors ADC0801S040 Datasheet HTML 9Page - NXP Semiconductors ADC0801S040 Datasheet HTML 10Page - NXP Semiconductors ADC0801S040 Datasheet HTML 11Page - NXP Semiconductors ADC0801S040 Datasheet HTML 12Page - NXP Semiconductors ADC0801S040 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ADC0801S040_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 18 August 2008
9 of 19
NXP Semiconductors
ADC0801S040
Single 8 bits ADC, up to 40 MHz
11. Additional information relating to Table 6
Fig 3.
Explanation of Table 6 Table note 3
014aaa504
RT
RB
RM
Rlad
ROT
RL
RL
RL
RL
IL
ROB
code 255
code 0
9
7
6
Table 7.
Output coding and input voltage (typical values; referenced to VSSA)
Code
Vi(a)(p-p) (V)
Binary outputs D7 to D0
Underflow
< 1.37
00 0000 00
0
1.37
00 0000 00
1
-
00 0000 01
-
254
-
11 11 11 10
255
3.13
11 11 11 11
Overflow
> 3.13
11 11 11 11
Table 8.
Mode selection
SLEEP
D7 to D0
IDDA + IDDD (typ)
1
high impedance
1.2 mA
0
active
9 mA


Similar Part No. - ADC0801S040

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC0801S040 IDT-ADC0801S040 Datasheet
420Kb / 18P
   Single 8 bits ADC, up to 40 MHz
logo
Renesas Technology Corp
ADC0801S040 RENESAS-ADC0801S040 Datasheet
423Kb / 18P
   Single 8 bits ADC, up to 40 MHz
2 July 2012
ADC0801S040 RENESAS-ADC0801S040 Datasheet
514Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
2 July 2012
logo
Integrated Device Techn...
ADC0801S040TS IDT-ADC0801S040TS Datasheet
420Kb / 18P
   Single 8 bits ADC, up to 40 MHz
More results

Similar Description - ADC0801S040

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC0801S040 RENESAS-ADC0801S040 Datasheet
423Kb / 18P
   Single 8 bits ADC, up to 40 MHz
2 July 2012
logo
Integrated Device Techn...
ADC0801S040 IDT-ADC0801S040 Datasheet
420Kb / 18P
   Single 8 bits ADC, up to 40 MHz
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com