Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1005S060 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ADC1005S060
Description  Single 10 bits ADC, up to 60 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1005S060 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ADC1005S060 Datasheet HTML 4Page - NXP Semiconductors ADC1005S060 Datasheet HTML 5Page - NXP Semiconductors ADC1005S060 Datasheet HTML 6Page - NXP Semiconductors ADC1005S060 Datasheet HTML 7Page - NXP Semiconductors ADC1005S060 Datasheet HTML 8Page - NXP Semiconductors ADC1005S060 Datasheet HTML 9Page - NXP Semiconductors ADC1005S060 Datasheet HTML 10Page - NXP Semiconductors ADC1005S060 Datasheet HTML 11Page - NXP Semiconductors ADC1005S060 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ADC1005S060_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 13 August 2008
8 of 19
NXP Semiconductors
ADC1005S060
Single 10 bits ADC, up to 60 MHz
Eoffset
offset error
middle code
-
±1
-
LSB
EG
gain error
from device to device
[5] -
±0.5
-
%
Bandwidth
B
bandwidth
full-scale sine wave
[6] -
30
-
MHz
75 % full-scale sine wave
-
45
-
MHz
small signal at mid-scale;
VI = ±10 LSB at code 512
-
700
-
MHz
ts(LH)
LOW to HIGH
settling time
full-scale square wave;
see Figure 6
[7] -5
-ns
ts(HL)
HIGH to LOW
settling time
full-scale square wave;
see Figure 6
[7] -5
-ns
Harmonics
α2H
second harmonic
level
fi = 5 MHz
-
−68
-
dB
α3H
third harmonic
level
fi = 5 MHz
-
−67
-
dB
THD
total harmonic
distortion
fi = 5 MHz
-
−64
-
dB
fi = 15 MHz
-
−57
-
dB
SFDR
spurious free
dynamic range
fi = 5 MHz
-
72
dB
Signal-to-Noise ratio[8]
S/N
signal-to-noise
ratio
without harmonics;
fi = 5 MHz
-58
-
dB
without harmonics;
fi =15MHz
53
57
-
dB
Effective bits[8]
ENOB
effective number
of bits
fi = 5 MHz
-
9.3
-
bits
fi = 10 MHz
-
8.9
-
bits
fi = 15 MHz
-
8.8
-
bits
fi = 20 MHz
-
8.6
-
bits
Two-tone intermodulation[9]
αIM
intermodulation
suppression
fclk = 60 MHz
-
−67
-
dB
Bit error rate
BER
bit error rate
fi = 5 MHz; VI = ±16 LSB at
code 512
-10−13
-
times/samples
Timing (fclk = 60 MHz; CL = 10 pF); see Figure 4[10]
td(s)
sampling delay
time
-
0.7
2
ns
th(o)
output hold time
4
-
-
ns
td(o)
output delay time
VCCO = 2.7 V
-
10
14
ns
VCCO = 3.3 V
-
9
13
ns
Table 6.
Characteristics …continued
VCCA = 4.75 V to 5.25 V; VCCD = 4.75 V to 5.25 V; AGND and DGND shorted together; Tamb =0 °Cto70 °C; typical values
measured at VCCA = VCCD = 5 V; VCCO = 3.3 V; VRB = 1.3 V; VRT = 3.7 V; CL = 10 pF and Tamb =25 °C unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - ADC1005S060

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1005S060 IDT-ADC1005S060 Datasheet
436Kb / 18P
   Single 10 bits ADC, up to 60 MHz
logo
Renesas Technology Corp
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
Integrated Device Techn...
ADC1005S060TS IDT-ADC1005S060TS Datasheet
436Kb / 18P
   Single 10 bits ADC, up to 60 MHz
More results

Similar Description - ADC1005S060

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
Integrated Device Techn...
ADC1005S060 IDT-ADC1005S060 Datasheet
436Kb / 18P
   Single 10 bits ADC, up to 60 MHz
logo
Renesas Technology Corp
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
logo
Integrated Device Techn...
ADC1002S020 IDT-ADC1002S020 Datasheet
426Kb / 18P
   Single 10 bits ADC, up to 20 MHz
logo
NXP Semiconductors
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com