Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AT42QT1011 Datasheet(PDF) 12 Page - ATMEL Corporation

Part No. AT42QT1011
Description  One-channel Touch Sensor IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1011 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT42QT1011 Datasheet HTML 8Page - ATMEL Corporation AT42QT1011 Datasheet HTML 9Page - ATMEL Corporation AT42QT1011 Datasheet HTML 10Page - ATMEL Corporation AT42QT1011 Datasheet HTML 11Page - ATMEL Corporation AT42QT1011 Datasheet HTML 12Page - ATMEL Corporation AT42QT1011 Datasheet HTML 13Page - ATMEL Corporation AT42QT1011 Datasheet HTML 14Page - ATMEL Corporation AT42QT1011 Datasheet HTML 15Page - ATMEL Corporation AT42QT1011 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
9542G–AT42–03/10
AT42QT1011
5.
Specifications
5.1
Absolute Maximum Specifications
5.2
Recommended Operating Conditions
5.3
AC Specifications
Operating temperature
-40°C to +85°C
Storage temperature
-55°C to +125°C
VDD
0 to +6.5V
Max continuous pin current, any control or drive pin
±20 mA
Short circuit duration to Vss, any pin
Infinite
Short circuit duration to Vdd, any pin
Infinite
Voltage forced onto any pin
-0.6V to (VDD + 0.6) Volts
CAUTION: Stresses beyond those listed under Absolute Maximum Specifications may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or other conditions beyond those
indicated in the operational sections of this specification is not implied. Exposure to absolute maximum specification
conditions for extended periods may affect device reliability
VDD
+1.8 to 5.5V
Short-term supply ripple + noise
±20 mV
Long-term supply stability
±100 mV
Cs value
2 to 50 nF
Cx value
5 to 50 pF
Vdd = 3.0V, Cs = 4.7 nF, Cx = 5 pF, Ta = recommended range, unless otherwise noted
Parameter
Description
Min
Typ
Max
Units
Notes
TRC
Recalibration time
200
ms
Cs, Cx dependent
TPC
Charge duration
3.05
µs
±7.5% spread spectrum variation
TPT
Transfer duration
9.0
µs
±7.5% spread spectrum variation
TG1
Time between end of burst and
start of the next (Fast mode)
1.2
ms
TG2
Time between end of burst and
start of the next (LP mode)
80
ms
Increases with decreasing VDD
See Figure 5-1 on page 13
TBL
Burst length
2.45
ms
VDD, Cs and Cx dependent. See
Section 4.2 for capacitor selection.
TR
Response time
100
ms
THB
HeartBeat pulse width
15
µs


Similar Part No. - AT42QT1011

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT42QT1011-MAH ATMEL-AT42QT1011-MAH Datasheet
290Kb / 25P
   Single-key QTouch짰 Touch Sensor IC
More results

Similar Description - AT42QT1011

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
AT42QT1012 ATMEL-AT42QT1012_10 Datasheet
369Kb / 28P
   One-channel Toggle-mode Touch Sensor IC with Power Management Functions
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4160 AKM-AK4160 Datasheet
448Kb / 40P
   16-channel Capacitive Touch Sensor IC
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
   6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
ATMEL Corporation
ATMEL Corporation
AT42QT2120 ATMEL-AT42QT2120 Datasheet
583Kb / 46P
   QTouch 12-channel Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1070 ATMEL-AT42QT1070_14 Datasheet
423Kb / 34P
   Seven-channel QTouch Touch Sensor IC
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100_14 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz