Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AT42QT1011 Datasheet(PDF) 6 Page - ATMEL Corporation

Part No. AT42QT1011
Description  One-channel Touch Sensor IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1011 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT42QT1011 Datasheet HTML 2Page - ATMEL Corporation AT42QT1011 Datasheet HTML 3Page - ATMEL Corporation AT42QT1011 Datasheet HTML 4Page - ATMEL Corporation AT42QT1011 Datasheet HTML 5Page - ATMEL Corporation AT42QT1011 Datasheet HTML 6Page - ATMEL Corporation AT42QT1011 Datasheet HTML 7Page - ATMEL Corporation AT42QT1011 Datasheet HTML 8Page - ATMEL Corporation AT42QT1011 Datasheet HTML 9Page - ATMEL Corporation AT42QT1011 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
9542G–AT42–03/10
AT42QT1011
Figure 3-3.
SYNC Mode (Triggered by SYNC Edges)
However, once SYNC mode has been entered, if the SYNC signal consists of a series of short
pulses (>10 µs) then a burst will only occur on the falling edge of each pulse (Figure 3-4 on
page 6) instead of on each change of SYNC signal, as normal (Figure 3-3).
In SYNC mode, the device will sleep after each measurement burst (just as in LP mode) but will
be awakened by a change in the SYNC signal in either direction, resulting in a new
measurement burst. If SYNC remains unchanged for a period longer than the LP mode sleep
period (about 80 ms), the device will resume operation in either Fast or LP mode depending on
the level of the SYNC pin (Figure 3-3).
There is no detect integrator (DI) in SYNC mode (each touch is a detection); see Section 3.4.
Recalibration timeout is a fixed number of measurements so will vary with the SYNC period.
Figure 3-4.
SYNC Mode (Short Pulses)
3.2
Threshold
The internal signal threshold level is fixed at 10 counts of change with respect to the internal
reference level, which in turn adjusts itself slowly in accordance with the drift compensation
mechanism.
The QT1011 employs a hysteresis dropout of two counts of the delta between the reference and
threshold levels.
3.3
Max On-duration
The max on-duration of this device is infinite; that is, the device will not automatically recalibrate
due to a persistant detection.
SYNC
SYNC
SNSK
SNSK
slow mode sleep period
sleep
sleep
sleep
sleep
sleep
sleep
Revert to Fast Mode
Revert to Slow Mode
slow mode sleep period
SNSK
SYNC
>10us
>10us
>10us


Similar Part No. - AT42QT1011

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT42QT1011-MAH ATMEL-AT42QT1011-MAH Datasheet
290Kb / 25P
   Single-key QTouch짰 Touch Sensor IC
More results

Similar Description - AT42QT1011

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
AT42QT1012 ATMEL-AT42QT1012_10 Datasheet
369Kb / 28P
   One-channel Toggle-mode Touch Sensor IC with Power Management Functions
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4160 AKM-AK4160 Datasheet
448Kb / 40P
   16-channel Capacitive Touch Sensor IC
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
   6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
ATMEL Corporation
ATMEL Corporation
AT42QT2120 ATMEL-AT42QT2120 Datasheet
583Kb / 46P
   QTouch 12-channel Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1070 ATMEL-AT42QT1070_14 Datasheet
423Kb / 34P
   Seven-channel QTouch Touch Sensor IC
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
AT42QT2100 ATMEL-AT42QT2100_14 Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz