Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1006S055 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # ADC1006S055
Description  Single 10 bits ADC, up to 55 MHz or 70 MHz
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1006S055 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button ADC1006S055 Datasheet HTML 3Page - NXP Semiconductors ADC1006S055 Datasheet HTML 4Page - NXP Semiconductors ADC1006S055 Datasheet HTML 5Page - NXP Semiconductors ADC1006S055 Datasheet HTML 6Page - NXP Semiconductors ADC1006S055 Datasheet HTML 7Page - NXP Semiconductors ADC1006S055 Datasheet HTML 8Page - NXP Semiconductors ADC1006S055 Datasheet HTML 9Page - NXP Semiconductors ADC1006S055 Datasheet HTML 10Page - NXP Semiconductors ADC1006S055 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
ADC1006S055_070_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 12 August 2008
7 of 31
NXP Semiconductors
ADC1006S055/070
Single 10 bits ADC, up to 55 MHz or 70 MHz
VIH
HIGH-level input
voltage
PECL mode; VCCD = 5 V
I
3.83
-
4.12
V
TTL mode
C
2.0
-
VCCD
V
IIL
LOW-level input
current
VCLK or VCLKN = 3.19 V
C
−10
-
-
µA
IIH
HIGH-level input
current
VCLK or VCLKN = 3.83 V
C
-
-
10
µA
Vi(dif)(p-p)
peak-to-peak
differential input
voltage
AC driving mode;
DC voltage level = 2.5 V
C
1
1.5
2.0
V
Ri
input resistance
fclk = 55 MHz
D
2
-
-
k
Ci
input capacitance
fclk = 55 MHz
D
-
-
2
pF
OTC, SH and CE (referenced to DGND); see Table 7 and 8
VIL
LOW-level input
voltage
I
0
-
0.8
V
VIH
HIGH-level input
voltage
I
2.0
-
VCCD
V
IIL
LOW-level input
current
VIL = 0.8 V
I
−20
-
-
µA
IIH
HIGH-level input
current
VIH = 2.0 V
I
-
-
20
µA
IN and INN (referenced to AGND); see Table 7, VVREF =VCCA3 − 1.75 V
IIL
LOW-level input
current
SH = HIGH
C
-
10
-
µA
IIH
HIGH-level input
current
SH = HIGH
C
-
10
-
µA
Ri
input resistance
fi = 20 MHz
D
-
14
-
M
Ci
input capacitance
fi = 20 MHz
D
-
450
-
fF
VI(cm)
common-mode
input voltage
VI(IN) =VI(INN)
output code 512
CVCCA3 − 1.7 VCCA3 − 1.6
VCCA3 − 1.2 V
Voltage controlled regulator output CMADC
VO(cm)
common-mode
output voltage
I-
VCCA3 − 1.6
-
V
Iload
load current
I
-
1
2
mA
Voltage input Vref[3]
Vref
reference voltage
full-scale fixed voltage;
fi = 20 MHz; fclk = 55 MHz
C-
VCCA3 − 1.75 -
V
Iref
reference current
C
-
0.3
10
µA
Vi(dif)(p-p)
peak-to-peak
differential input
voltage
VI(IN)(p-p) − VI(INN)(p-p);
Vref =VCCA3 − 1.75 V;
VI(cm) =VCCA3 − 1.6 V
C
-
1.9
-
V
Table 6.
Characteristics …continued
VCCA = V2 to V44, V3 to V4 and V41 to V40 = 4.75 V to 5.25 V; VCCD = V37 to V38 and V15 to V17 = 4.75 V to 5.25 V;
VCCO = V33 to V34 = 3.0 V to 3.6 V; AGND and DGND shorted together; Tamb = −40 °Cto+85 °C;
VI(IN)(p-p) − VI(INN)(p-p) = 1.9 V; VVREF =VCCA3 − 1.75 V; VI(cm) =VCCA3 − 1.6 V; typical values measured at VCCA =VCCD =5V
and VCCO = 3.3 V, Tamb =25 °C and CL = 10 pF; unless otherwise specified.
Symbol
Parameter
Conditions
Test[1] Min
Typ
Max
Unit


Similar Part No. - ADC1006S055

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
Integrated Device Techn...
ADC1006S055H IDT-ADC1006S055H Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
More results

Similar Description - ADC1006S055

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
   Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
   Single 10 bits ADC, up to 20 MHz
2 July 2012
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
   Single 10 bits ADC, up to 60 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
   Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com