Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1412D065 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # ADC1412D065
Description  Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1412D065 Datasheet(HTML) 1 Page - NXP Semiconductors

  ADC1412D065 Datasheet HTML 1Page - NXP Semiconductors ADC1412D065 Datasheet HTML 2Page - NXP Semiconductors ADC1412D065 Datasheet HTML 3Page - NXP Semiconductors ADC1412D065 Datasheet HTML 4Page - NXP Semiconductors ADC1412D065 Datasheet HTML 5Page - NXP Semiconductors ADC1412D065 Datasheet HTML 6Page - NXP Semiconductors ADC1412D065 Datasheet HTML 7Page - NXP Semiconductors ADC1412D065 Datasheet HTML 8Page - NXP Semiconductors ADC1412D065 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1.
General description
The ADC1412D is a dual channel 14-bit Analog-to-Digital Converter (ADC) optimized for
high dynamic performances and low power consumption at sample rates up to 125 Msps.
Pipelined architecture and output error correction ensure the ADC1412D is accurate
enough to guarantee zero missing codes over the entire operating range. Supplied from a
single 3 V source, it can handle output logic levels from 1.8 V to 3.3 V in CMOS mode,
thanks to a separate digital output supply. It supports the LVDS (Low Voltage Differential
Signalling) DDR (Double Data Rate) output standard. An integrated SPI (Serial Peripheral
Interface) allows the user to easily configure the ADC. The device also includes a
programmable gain amplifier with a flexible input voltage range. With excellent dynamic
performance from the baseband to input frequencies of 170 MHz or more, the ADC1412D
is ideal for use in communications, imaging and medical applications.
2.
Features
ADC1412D065/080/105/125
Dual 14-bit ADC 65, 80, 105 or 125 Msps
CMOS or LVDS DDR digital outputs
Rev. 02 — 4 June 2009
Objective data sheet
Fig 1.
Integral Non-Linearity (INL)
Fig 2.
Differential Non-Linearity
(DNL)
Fig 3.
Output spectrum:
−1 dBFS,
80 Msps, fi = 4.43 MHz
0
16000
12000
4000
8000
005aaa040
-0.5
-1
0.5
0
1.5
1
-1.5
0
16000
12000
4000
8000
005aaa041
-0.5
0.5
1
-1
0
1.5
-1.5
f (MHz)
040
30
10
20
005aaa042
-80
-40
0
dB
-120
I SNR, 73 dB
I Input bandwidth, 650 MHz
I SFDR, 90 dBc
I Power dissipation, 775 mW at 80 Msps
I Sample rate up to 125 Msps
I SPI Interface
I Dual-channel14-bit pipelined ADC core I Duty cycle stabilizer
I Single 3 V supply
I Fast OTR detection
I Flexible input voltage range: 1 V to 2 V
(p-p) with 6 dB programmable fine gain
I Offset binary, 2’s complement, gray
code
I CMOS or LVDS DDR digital outputs
I Power-down and Sleep modes
I INL ±1 LSB, DNL ±0.5 LSB (typical)
I HVQFN64 package


Similar Part No. - ADC1412D065

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1412D065HN-C1 IDT-ADC1412D065HN-C1 Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1412D065HN/C1 NXP-ADC1412D065HN/C1 Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
More results

Similar Description - ADC1412D065

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1410S065 NXP-ADC1410S065 Datasheet
287Kb / 35P
   Single 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1410S IDT-ADC1410S Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1410S RENESAS-ADC1410S Datasheet
543Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
logo
Renesas Technology Corp
ADC1212D RENESAS-ADC1212D Datasheet
672Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com