Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1415S Datasheet(PDF) 4 Page - NXP Semiconductors

Part # ADC1415S
Description  Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1415S Datasheet(HTML) 4 Page - NXP Semiconductors

  ADC1415S Datasheet HTML 1Page - NXP Semiconductors ADC1415S Datasheet HTML 2Page - NXP Semiconductors ADC1415S Datasheet HTML 3Page - NXP Semiconductors ADC1415S Datasheet HTML 4Page - NXP Semiconductors ADC1415S Datasheet HTML 5Page - NXP Semiconductors ADC1415S Datasheet HTML 6Page - NXP Semiconductors ADC1415S Datasheet HTML 7Page - NXP Semiconductors ADC1415S Datasheet HTML 8Page - NXP Semiconductors ADC1415S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
ADC1415S_SER_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 03 — 12 April 2010
4 of 39
NXP Semiconductors
ADC1415S series
ADC1415S series; input buffer; CMOS or LVDS DDR digital outputs
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration with CMOS digital outputs
selected
Fig 3.
Pin configuration with LVDS/DDR digital
outputs selected
005aaa102
ADC1415S
HVQFN40
D9
AGND
VDDA3V
D8
INP
D7
INM
D6
AGND
D5
VDDA5V
D4
VCM
D3
AGND
D2
REFT
D1
REFB
D0
10
21
9
22
8
23
7
24
6
25
5
26
4
27
3
28
2
29
1
30
terminal 1
index area
Transparent top view
ADC1215S
HVQFN40
D8_D9_M
D8_D9_P
D6_D7_M
D6_D7_P
D4_D5_M
D4_D5_P
D2_D3_M
D2_D3_P
D0_D1_M
D0_D1_P
VDDA3V
INP
INM
AGND
VDDA5V
VCM
AGND
REFT
REFB
10
21
9
22
8
23
7
24
6
25
5
26
4
27
3
28
2
29
1
30
AGND
terminal 1
index area
Transparent top view
005aaa103
Table 2.
Pin description (CMOS digital outputs)
Symbol
Pin
Type [1]
Description
REFB
1
O
bottom reference
REFT
2
O
top reference
AGND
3
G
analog ground
VCM
4
O
common-mode output voltage
VDDA5V
5
P
5 V analog power supply
AGND
6
G
analog ground
INM
7
I
complementary analog input
INP
8
I
analog input
AGND
9
G
analog ground
VDDA3V
10
P
3 V analog power supply
VDDA3V
11
P
3 V analog power supply
CLKP
12
I
clock input
CLKM
13
I
complementary clock input
DEC
14
O
regulator decoupling node
OE
15
I
output enable, active LOW
PWD
16
I
power down, active HIGH


Similar Part No. - ADC1415S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1415S PHILIPS-ADC1415S Datasheet
304Kb / 42P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Mspswith input buffer; CMOS or LVDS DDR digital outputs
Rev. 4-17 December 2010
logo
Integrated Device Techn...
ADC1415S IDT-ADC1415S Datasheet
383Kb / 40P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1415S065 NXP-ADC1415S065 Datasheet
184Kb / 33P
   Single 14-bit ADC 65, 80, 105 or 125 Msps with Input Buffer CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
ADC1415S065HN PHILIPS-ADC1415S065HN Datasheet
304Kb / 42P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Mspswith input buffer; CMOS or LVDS DDR digital outputs
Rev. 4-17 December 2010
logo
Integrated Device Techn...
ADC1415S065HN-C1 IDT-ADC1415S065HN-C1 Datasheet
383Kb / 40P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
More results

Similar Description - ADC1415S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1415S IDT-ADC1415S Datasheet
383Kb / 40P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1410S IDT-ADC1410S Datasheet
539Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1410S RENESAS-ADC1410S Datasheet
543Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1015S IDT-ADC1015S Datasheet
382Kb / 40P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
ADC1412D IDT-ADC1412D Datasheet
605Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1412D RENESAS-ADC1412D Datasheet
609Kb / 41P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1412D NXP-ADC1412D Datasheet
1Mb / 40P
   Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-6 August 2010
ADC1215S NXP-ADC1215S Datasheet
287Kb / 39P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
logo
Integrated Device Techn...
ADC1215S IDT-ADC1215S Datasheet
383Kb / 40P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com