Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61884-IQZ Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS61884-IQZ
Description  Octal T1/E1/J1 Line Interface Unit
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884-IQZ Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS61884-IQZ Datasheet HTML 37Page - Cirrus Logic CS61884-IQZ Datasheet HTML 38Page - Cirrus Logic CS61884-IQZ Datasheet HTML 39Page - Cirrus Logic CS61884-IQZ Datasheet HTML 40Page - Cirrus Logic CS61884-IQZ Datasheet HTML 41Page - Cirrus Logic CS61884-IQZ Datasheet HTML 42Page - Cirrus Logic CS61884-IQZ Datasheet HTML 43Page - Cirrus Logic CS61884-IQZ Datasheet HTML 44Page - Cirrus Logic CS61884-IQZ Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
CS61884
DS485F1
41
14.27 AWG Overflow Interrupt Enable Register (1Ah)
14.28 AWG Overflow Interrupt Status Register (1Bh)
14.29 Reserved Register (1Ch)
14.30 Reserved Register (1Dh)
14.31 Bits Clock Enable Register (1Eh)
14.32 Reserved Register (1Fh)
BIT
NAME
Description
[7:0]
AWGE 7-0
This register enables changes in the overflow status to be reflected in the AWG Interrupt Sta-
tus register, thus causing as interrupt on the INT pin. Interrupts are maskable on a per-chan-
nel basis. Register bits default to 00h after power-up or reset.
BIT
NAME
Description
[7:0]
AWGI 7-0
The bits in this register indicate a change in status since the last AWG overflow interrupt. An
AWG overflow occurs when invalid phase data are entered, such that a sample-by-sample
addition of UI0 and UI1 results in values that exceed the arithmetic range of the 7-bit repre-
sentation. Reading this register clears the interrupt, which deactivates the INT pin. Register
bits default to 00h after power-up or reset.
BIT
NAME
Description
[7:0]
RSVD 7-0
RESERVED (These bits must be set to zero.)
BIT
NAME
Description
[7:0]
RSVD 7-0
RESERVED (These bits must be set to zero.)
BIT
NAME
Description
[7:0]
BITS 7-0
Setting a “1” to bit n in this register changes channel n to a stand-alone timing recovery unit
used for G.703 clock recovery. (Refer to BUILDING INTEGRATED TIMING SYSTEMS
(BITS) CLOCK MODE (See Section 8 on page 23) for a better description of the G.703 clock
recovery function). Register bits default to 00h after power-up or reset.
BIT
NAME
Description
[7:0]
RSVD 7-0
RESERVED (These bits must be set to zero.)


Similar Part No. - CS61884-IQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61884-IQ CIRRUS-CS61884-IQ Datasheet
1Mb / 72P
   Octal T1/E1/J1 Line Interface Unit
CS61884-IQ CIRRUS-CS61884-IQ Datasheet
406Kb / 22P
   Octal T1/E1/J1 Line Interface Evaluation Board
More results

Similar Description - CS61884-IQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 72P
   Octal T1/E1/J1 Line Interface Unit
logo
PMC-Sierra, Inc
PM4318 PMC-PM4318 Datasheet
2Mb / 244P
   OCTAL E1/T1/J1 LINE INTERFACE DEVICE
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
DS2148 MAXIM-DS2148 Datasheet
1Mb / 73P
   5V E1/T1/J1 Line Interface Unit
REV: 011206
logo
Integrated Device Techn...
IDT82V2048E IDT-IDT82V2048E Datasheet
1Mb / 76P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303_V01 Datasheet
1Mb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV: 053107
logo
Cirrus Logic
CDB61884 CIRRUS-CDB61884 Datasheet
406Kb / 22P
   Octal T1/E1/J1 Line Interface Evaluation Board
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com