Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ8.5CA Datasheet(PDF) 1 Page - Littelfuse

Part # SMCJ8.5CA
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMCJ8.5CA Datasheet(HTML) 1 Page - Littelfuse

  SMCJ8.5CA Datasheet HTML 1Page - Littelfuse SMCJ8.5CA Datasheet HTML 2Page - Littelfuse SMCJ8.5CA Datasheet HTML 3Page - Littelfuse SMCJ8.5CA Datasheet HTML 4Page - Littelfuse SMCJ8.5CA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
Revision: November 13, 2009
SMCJ Series
Surface Mount – 1500W > SMCJ series
Please refer to http://www.Littelfuse.com/series/SMCJ.html for current information.
SMCJ Series
TVS devices are ideal for the protection of I/O Interfaces,
V
CC bus and other vulnerable circuits used in Telecom,
Computer, Industrial and Consumer electronic applications.
Applications
applications to optimize
board space
ΔV
junction
resistance
less than 1μA
above 12V
260°C/40 seconds at
terminals
Features
Description
Value
Unit
T
A
1500
A=50
OC
6.5
I
200
A
V
V
T , T
°C
15
to Ambient
75
Notes:
A = 25
O
4. V
_
_
<
200V and V <5.0V for V
BR _
_
>
201V.
Maximum Ratings and Thermal Characteristics
(T
A=25
OC unless otherwise noted)
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E230531
RoHS


Similar Part No. - SMCJ8.5CA

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
SMCJ8.5CA HOTTECH-SMCJ8.5CA Datasheet
541Kb / 3P
   Transient Voltage Suppressors
logo
Fairchild Semiconductor
SMCJ8.5CA FAIRCHILD-SMCJ8.5CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
SynSemi, Inc.
SMCJ8.5CA SYNSEMI-SMCJ8.5CA Datasheet
162Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
SMCJ8.5CA JINGHENG-SMCJ8.5CA Datasheet
139Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMCJ8.5CA SOCAY-SMCJ8.5CA Datasheet
623Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMCJ8.5CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com