Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-720LPDGAC Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VS-720LPDGAC
Description  Voltage Controlled SAW Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-720LPDGAC Datasheet(HTML) 2 Page - Vectron International, Inc

  VS-720LPDGAC Datasheet HTML 1Page - Vectron International, Inc VS-720LPDGAC Datasheet HTML 2Page - Vectron International, Inc VS-720LPDGAC Datasheet HTML 3Page - Vectron International, Inc VS-720LPDGAC Datasheet HTML 4Page - Vectron International, Inc VS-720LPDGAC Datasheet HTML 5Page - Vectron International, Inc VS-720LPDGAC Datasheet HTML 6Page - Vectron International, Inc VS-720LPDGAC Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VS-720 Voltage Controlled SAW Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 2 of 7
Rev: 3 April 2007
Electrical Performance
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Frequency
Nominal Frequency
Absolute Pull Range
Linearity
Gain Transfer (See Pg 5)
Temperature Stability
f
N
APR
Lin
K
V
f
STAB
150
±50
+100
±20
800
±10
MHz
ppm
%
ppm/V
ppm
1,2,3
1,2,8
2,4,8
2,8
1
Supply
Voltage
Current (No Load)
V
CC
I
CC
2.97
3.3
55
3.63
70
V
mA
2,3
3
Outputs
Mid Level - LVPECL
Swing – LVPECL
Mid Level - LVDS
Swing – LVDS
Current
Rise Time
Fall Time
Symmetry
Jitter (12 kHz – 20 MHz BW) 622.08 MHz
Jitter (50 kHz – 80 MHz BW) 622.08 MHz
I
OUT
t
R
t
F
SYM
φJ
φJ
Vcc-1.4
450
V
CC-2.4
250
45
Vcc-1.25
600
Vcc-2.3
350
250
250
50
0.100
0.120
Vcc-1.0
750
V
CC-2.5
450
20
500
500
55
0.250
0.300
V
mV-pp
V
mV-pp
mA
ps
ps
%
ps-rms
ps-rms
2,3
2,3
2,3
2,3
6
5,6
5,6
2,3
6,7
6,7
Period Jitter, RMS (622.08 MHz)
φJ
3.0
4.0
ps-rms
9
Period Jitter, Peak - Peak (622.08 MHz)
φJ
20
30
ps pk-pk
9
Harmonic Suppression
50
60
dBc
6
Control Voltage
Control Voltage Range for APR
Control Voltage Input Impedance
Control Voltage Modulation BW
VC
ZIN
BW
0.3
75
50
3.0
V
KΩ
KHz
2,8
6
6
Operating Temp. (Ordering Option)
T
OP
0/70,-20/70 or -40/85
°C
1,3
Package Size
5.0 x 7.5 x 2.0
mm
1. See Standard Frequencies and Ordering Information tables (Pg 7) for more specific information
2. Parameters are tested with production test circuit below (Fig 1).
3. Parameters are tested at ambient temperature with test limits guard-banded for specified operating temperature.
4. Measured as the maximum deviation from the best straight-line fit, per MIL-0-55310.
5. Measured from 20% to 80% of a full output swing (Fig 2).
6. Not tested in production, guaranteed by design, verified at qualification.
7. Integrated across stated bandwidth per GR-253-CORE Issue3.
8. Tested with Vc = 0.3V to 3.0V unless otherwise stated in part description
9. Broadband Period Jitter measured using Lecroy Wavemaster 8600A 6 GHz Oscilloscope, 250K samples taken
Figure 1. Test Circuit
Figure 2. 10K LV-PECL Waveform
Vcc - 1.6V
Vcc - 1.3V
Vcc - 1.0V
80%
20%
t
R
t
F
t
A
t
B
SYM = 100 x tA / tB
1
2
3
6
5
4
50
50
Test Circuit Notes:
1) To Permit 50
Ω Measurement of Outputs, all DC Inputs are Biased Down 1.3V.
2) All Voltage Sources Contain Bypass Capacitors to Minimize Supply Noise.
3) 50
Ω Terminations are Within Test Equipment.
(-1.3V to +2.0V)
(-1.3V, +2.0V)
(-1.3V)
(+2.0V)
COutput
Output
Enable, Disable


Similar Part No. - VS-720LPDGAC

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-720 VECTRON-VS-720 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720-LFC-CAA-693.4830 VECTRON-VS-720-LFC-CAA-693.4830 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720-LFC-CAB-693.4830 VECTRON-VS-720-LFC-CAB-693.4830 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720-LFC-CAC-693.4830 VECTRON-VS-720-LFC-CAC-693.4830 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
VS-720-LFC-CAD-693.4830 VECTRON-VS-720-LFC-CAD-693.4830 Datasheet
288Kb / 7P
   Voltage Controlled SAW Oscillator
More results

Similar Description - VS-720LPDGAC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com