Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT754L Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAT754L
Description  Schottky barrier triple diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT754L Datasheet(HTML) 4 Page - NXP Semiconductors

  BAT754L Datasheet HTML 1Page - NXP Semiconductors BAT754L Datasheet HTML 2Page - NXP Semiconductors BAT754L Datasheet HTML 3Page - NXP Semiconductors BAT754L Datasheet HTML 4Page - NXP Semiconductors BAT754L Datasheet HTML 5Page - NXP Semiconductors BAT754L Datasheet HTML 6Page - NXP Semiconductors BAT754L Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2001 Jan 18
4
NXP Semiconductors
Product data sheet
Schottky barrier triple diode
BAT754L
handbook, halfpage
10
IF
VF (V)
3
10
(mA)
2
10
1
10 1
1.2
0.8
0.4
0
MSA892
(3)
(2)
(1)
(3)
(2)
(1)
Fig.2
Forward current as a function of forward
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
010
20
30
V
(V)
R
10 3
I
R
(
μA)
10 2
10
1
10 1
(1)
(2)
(3)
MSA893
Fig.3
Reverse current as a function of reverse
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
handbook, halfpage
010
20
30
0
5
10
15
VR (V)
Cd
(pF)
MSA891
Fig.4
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tamb = 25 °C.


Similar Part No. - BAT754L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT754L PHILIPS-BAT754L Datasheet
53Kb / 8P
   Schottky barrier triple diode
2001 Jan 18
logo
Guangdong Kexin Industr...
BAT754L KEXIN-BAT754L Datasheet
37Kb / 1P
   Schottky Barrier Triple Diode
logo
Nexperia B.V. All right...
BAT754L NEXPERIA-BAT754L Datasheet
1Mb / 9P
   Schottky barrier triple diode
22 November 2012
logo
NXP Semiconductors
BAT754L PHILIPS-BAT754L_15 Datasheet
162Kb / 9P
   BAT754L_15
22 November 2012
More results

Similar Description - BAT754L

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAT754L KEXIN-BAT754L Datasheet
37Kb / 1P
   Schottky Barrier Triple Diode
logo
NXP Semiconductors
BAT754L PHILIPS-BAT754L Datasheet
53Kb / 8P
   Schottky barrier triple diode
2001 Jan 18
1PS88SB82 PHILIPS-1PS88SB82 Datasheet
58Kb / 8P
   Schottky barrier triple diode
2001 Feb 16
logo
Nexperia B.V. All right...
BAT54VY-Q NEXPERIA-BAT54VY-Q Datasheet
197Kb / 8P
   Schottky barrier triple diode
20 April 2023
BAT754L NEXPERIA-BAT754L Datasheet
1Mb / 9P
   Schottky barrier triple diode
22 November 2012
logo
NXP Semiconductors
BAT54VV PHILIPS-BAT54VV Datasheet
49Kb / 9P
   Schottky barrier triple diode in ultra small SOT666 package
Rev. 01-14 September 2004
BAT54VV PHILIPS-BAT54VV_15 Datasheet
115Kb / 9P
   Schottky barrier triple diode in ultra small SOT666 package
Rev. 02-15 January 2010
logo
Nexperia B.V. All right...
BAT54VV NEXPERIA-BAT54VV Datasheet
181Kb / 8P
   Schottky barrier triple diode in ultra small SOT666 package
27 December 2022
logo
ON Semiconductor
NSR15TW1 ONSEMI-NSR15TW1 Datasheet
46Kb / 4P
   Triple RF Schottky Diode
February, 2002 ??Rev. 1
logo
Nexperia B.V. All right...
BAS70VY-Q NEXPERIA-BAS70VY-Q Datasheet
209Kb / 8P
   General-purpose triple Schottky diode
20 April 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com