Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6726BRFPA300 Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS320C6726BRFPA300
Description  Floating-Point Digital Signal Processors
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6726BRFPA300 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320C6726BRFPA300 Datasheet HTML 27Page - Texas Instruments TMS320C6726BRFPA300 Datasheet HTML 28Page - Texas Instruments TMS320C6726BRFPA300 Datasheet HTML 29Page - Texas Instruments TMS320C6726BRFPA300 Datasheet HTML 30Page - Texas Instruments TMS320C6726BRFPA300 Datasheet HTML 31Page - Texas Instruments TMS320C6726BRFPA300 Datasheet HTML 32Page - Texas Instruments TMS320C6726BRFPA300 Datasheet HTML 33Page - Texas Instruments TMS320C6726BRFPA300 Datasheet HTML 34Page - Texas Instruments TMS320C6726BRFPA300 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 118 page
background image
3.3 Peripheral Pin Multiplexing Control
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Table 3-3 lists the options for configuring the SPI1, McASP0, and McASP1 pins. Note that there are
additional finer grain options when selecting which McASP controls the particular AXR serial data pins but
these options are not listed here and can be made on a pin by pin basis.
Table 3-3. Options for Configuring SPI1, McASP0, and McASP1 Data Pins
CONFIGURATION
OPTION 1
OPTION 2
OPTION 3
OPTION 4
OPTION 5
PERIPHERAL
SPI1
5-pin mode
4-pin mode
4-pin mode
3-pin mode
disabled
McASP0
11
12
12
13
16
(max data pins)
McASP1
4
4
4
4
6
(max data pins)
PINS
AXR0[5]/
SPI1_SCS
SPI1_SCS
AXR0[5]
AXR0[5]
AXR0[5]
SPI1_SCS
AXR0[6]/
SPI1_ENA
AXR0[6]
SPI1_ENA
AXR0[6]
AXR0[6]
SPI1_ENA
AXR0[7]/
SPI1_CLK
SPI1_CLK
SPI1_CLK
SPI1_CLK
AXR0[7]
SPI1_CLK
AXR0[8]/AXR1[5]/
SPI1_SOMI
SPI1_SOMI
SPI1_SOMI
SPI1_SOMI
AXR0[8] or AXR1[5]
SPI1_SOMI
AXR0[9]/AXR1[4]/
SPI1_SIMO
SPI1_SIMO
SPI1_SIMO
SPI1_SIMO
AXR0[9] or AXR1[4]
SPI1_SIMO
Table 3-4 lists the options for configuring the shared EMIF and UHPI pins.
Table 3-4. Options for Configuring EMIF and UHPI (C6727B Only)
CONFIGURATION
OPTION 1
OPTION 2
PERIPHERAL
UHPI
Multiplexed Address/Data Mode, Fullword, or Non-Multiplexed Address/Data Mode
Half-Word
Fullword
EMIF
32-bit EMIF Data
16-bit EMIF Data
PINS
EM_D[31:16]/
EM_D[31:16]
UHPI_HA[15:0]
UHPI_HA[15:0]
While Section 3.2 describes at a high level the most common pin multiplexing options, the control of pin
multiplexing is largely determined on an individual pin-by-pin basis. Typically, each peripheral that shares
a particular pin has internal control registers to determine the pin function and whether it is an input or an
output.
The C672x device determines whether a particular pin is an input or output based upon the following
rules:
• The pin will be configured as an output if it is configured as an output in any of the peripherals sharing
the pin.
• It is recommended that only one peripheral configure a given pin as an output. If more than one
peripheral does configure a particular pin as an output, then the output value is controlled by the
peripheral with highest priority for that pin. The priorities for each pin are given in Table 3-5.
• The value input on the pin is passed to all peripherals sharing the pin for input simultaneously.
Submit Documentation Feedback
Device Configurations
31


Similar Part No. - TMS320C6726BRFPA300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6726BRFP266 TI-TMS320C6726BRFP266 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6726BRFP266 TI-TMS320C6726BRFP266 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6726BRFP266 TI-TMS320C6726BRFP266 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6726BRFP266 TI1-TMS320C6726BRFP266 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results

Similar Description - TMS320C6726BRFPA300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com