Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC637 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC637
Description  60 V, 1 A NPN medium power transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC637 Datasheet(HTML) 4 Page - NXP Semiconductors

  BC637 Datasheet HTML 1Page - NXP Semiconductors BC637 Datasheet HTML 2Page - NXP Semiconductors BC637 Datasheet HTML 3Page - NXP Semiconductors BC637 Datasheet HTML 4Page - NXP Semiconductors BC637 Datasheet HTML 5Page - NXP Semiconductors BC637 Datasheet HTML 6Page - NXP Semiconductors BC637 Datasheet HTML 7Page - NXP Semiconductors BC637 Datasheet HTML 8Page - NXP Semiconductors BC637 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
BC637_BCP55_BCX55_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 25 June 2007
4 of 15
NXP Semiconductors
BC637; BCP55; BCX55
60 V, 1 A NPN medium power transistors
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
60
V
VCEO
collector-emitter voltage
open base
-
60
V
VEBO
emitter-base voltage
open collector
-
5
V
IC
collector current
-
1
A
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
1.5
A
IBM
peak base current
single pulse;
tp ≤ 1ms
-
0.2
A
Ptot
total power dissipation
Tamb ≤ 25 °C
BC637
[1] -
0.83
W
BCP55
[1] -
0.64
W
[2] -
0.96
W
BCX55
[1] -
0.5
W
[2] -
0.85
W
[3] -
1.25
W
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C


Similar Part No. - BC637

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC637 MOTOROLA-BC637 Datasheet
116Kb / 4P
   High Current Transistors
logo
Nanjing International G...
BC637 DGNJDZ-BC637 Datasheet
54Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
NXP Semiconductors
BC637 PHILIPS-BC637 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 23
logo
Nanjing International G...
BC637 DGNJDZ-BC637 Datasheet
97Kb / 3P
   PNP Silicon Epitaxial Planar Transistor
logo
Siemens Semiconductor G...
BC637 SIEMENS-BC637 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
More results

Similar Description - BC637

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP55 PHILIPS-BCP55_15 Datasheet
1Mb / 22P
   60 V, 1 A NPN medium power transistors
Rev. 8-24 October 2011
logo
Nexperia B.V. All right...
BCP55_SER NEXPERIA-BCP55_SER Datasheet
247Kb / 12P
   60 V, 1 A NPN medium power transistors
Rev. 9 - 1 July 2022
BCX55_SER NEXPERIA-BCX55_SER Datasheet
241Kb / 12P
   60 V, 1 A NPN medium power transistors
Rev. 9 - 1 July 2022
BC55PA_SER NEXPERIA-BC55PA_SER Datasheet
250Kb / 12P
   60 V, 1 A NPN medium power transistors
Rev. 9 - 1 July 2022
BCP55 NEXPERIA-BCP55 Datasheet
1Mb / 22P
   60 V, 1 A NPN medium power transistors
Rev. 8 - 24 October 2011
BCP55T_SER NEXPERIA-BCP55T_SER Datasheet
274Kb / 14P
   60 V, 1 A NPN medium power transistors
Rev. 1 - 29 April 2019
BCX55-Q_SER NEXPERIA-BCX55-Q_SER Datasheet
228Kb / 12P
   60 V, 1 A NPN medium power transistors
Rev. 1 - 14 July 2022
BCP55-Q_SER NEXPERIA-BCP55-Q_SER Datasheet
247Kb / 12P
   60 V, 1 A NPN medium power transistors
Rev. 2 - 1 July 2022
logo
NXP Semiconductors
BCP52 NXP-BCP52_13 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
BCP52 PHILIPS-BCP52_15 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com