Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846BPN Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BC846BPN
Description  65 V, 100 mA NPN/PNP general-purpose transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC846BPN Datasheet(HTML) 3 Page - NXP Semiconductors

  BC846BPN Datasheet HTML 1Page - NXP Semiconductors BC846BPN Datasheet HTML 2Page - NXP Semiconductors BC846BPN Datasheet HTML 3Page - NXP Semiconductors BC846BPN Datasheet HTML 4Page - NXP Semiconductors BC846BPN Datasheet HTML 5Page - NXP Semiconductors BC846BPN Datasheet HTML 6Page - NXP Semiconductors BC846BPN Datasheet HTML 7Page - NXP Semiconductors BC846BPN Datasheet HTML 8Page - NXP Semiconductors BC846BPN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
BC846BPN_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 17 July 2009
3 of 15
NXP Semiconductors
BC846BPN
65 V, 100 mA NPN/PNP general-purpose transistor
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor; for the PNP transistor with negative polarity
VCBO
collector-base voltage
open emitter
-
80
V
VCEO
collector-emitter voltage
open base
-
65
V
VEBO
emitter-base voltage
open collector
-
6
V
IC
collector current
-
100
mA
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
200
mA
IBM
peak base current
single pulse;
tp ≤ 1ms
-
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
200
mW
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
300
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
FR4 PCB, standard footprint
Fig 1.
Per device: Power derating curve SOT363 (SC-88)
Tamb (°C)
−75
175
125
25
75
−25
006aab618
200
300
100
400
500
Ptot
(mW)
0


Similar Part No. - BC846BPN

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
logo
Nexperia B.V. All right...
BC846BPN NEXPERIA-BC846BPN Datasheet
303Kb / 12P
   65 V, 100 mA NPN/PNP general-purpose transistor
1 October 2022
BC846BPN-Q NEXPERIA-BC846BPN-Q Datasheet
289Kb / 13P
   65 V, 100 mA NPN/PNP general-purpose transistor
9 December 2021
BC846BPNH NEXPERIA-BC846BPNH Datasheet
267Kb / 12P
   65 V, 100 mA NPN/PNP general-purpose double transistor
4 May 2021
BC846BPNH-Q NEXPERIA-BC846BPNH-Q Datasheet
268Kb / 12P
   65 V, 100 mA NPN/PNP general-purpose double transistor
6 May 2021
More results

Similar Description - BC846BPN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC846BPN-Q NEXPERIA-BC846BPN-Q Datasheet
289Kb / 13P
   65 V, 100 mA NPN/PNP general-purpose transistor
9 December 2021
BC846BPN NEXPERIA-BC846BPN Datasheet
303Kb / 12P
   65 V, 100 mA NPN/PNP general-purpose transistor
1 October 2022
BC846BPNH NEXPERIA-BC846BPNH Datasheet
267Kb / 12P
   65 V, 100 mA NPN/PNP general-purpose double transistor
4 May 2021
BC846BPNH-Q NEXPERIA-BC846BPNH-Q Datasheet
268Kb / 12P
   65 V, 100 mA NPN/PNP general-purpose double transistor
6 May 2021
BC856XQB_SER NEXPERIA-BC856XQB_SER Datasheet
233Kb / 12P
   65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 22 September 2021
BC856XQC-Q_SER NEXPERIA-BC856XQC-Q_SER Datasheet
236Kb / 12P
   65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 23 September 2021
BC856XQC_SER NEXPERIA-BC856XQC_SER Datasheet
235Kb / 12P
   65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 23 September 2021
logo
NXP Semiconductors
BC856BS NXP-BC856BS Datasheet
100Kb / 12P
   65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01-11 August 2009
logo
Nexperia B.V. All right...
BC856S-Q NEXPERIA-BC856S-Q Datasheet
244Kb / 11P
   65 V, 100 mA PNP/PNP general-purpose transistor
17 June 2021
BC856S NEXPERIA-BC856S Datasheet
241Kb / 11P
   65 V, 100 mA PNP/PNP general-purpose transistor
1 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com