Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3310-KSZ Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS3310-KSZ
Description  Stereo Digital Volume Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3310-KSZ Datasheet(HTML) 5 Page - Cirrus Logic

  CS3310-KSZ Datasheet HTML 1Page - Cirrus Logic CS3310-KSZ Datasheet HTML 2Page - Cirrus Logic CS3310-KSZ Datasheet HTML 3Page - Cirrus Logic CS3310-KSZ Datasheet HTML 4Page - Cirrus Logic CS3310-KSZ Datasheet HTML 5Page - Cirrus Logic CS3310-KSZ Datasheet HTML 6Page - Cirrus Logic CS3310-KSZ Datasheet HTML 7Page - Cirrus Logic CS3310-KSZ Datasheet HTML 8Page - Cirrus Logic CS3310-KSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CS3310
DS82F1
5
CS3310
AINL
AINR
AGNDL
AGNDR
VD+
VA+
VA-
SDATAO
CS
SDATAI
TO ANOTHER
CS3310 OR
CONTROLLER
CONTROLLER
SCLK
AUDIO
SOURCE
AOUTL
AOUTR
7
10
11
12
13
14
15
+
+
+5V ANALOG
-5V ANALOG
2
3
6
16
9
DGND
5
AUDIO
OUTPUTS
4
ZCEN
0.1
µF
10
µF
+
10
1
MUTE
8
0.1
µ F
10
µ F
0.1
µF
0.1
µF
10
µF
47 k
*Required to terminate SDATAI due to high impedance
state of SDATAO when CS is high.
**Refer to Note 3.
*
**
Figure 2. Recommended Connection Diagram


Similar Part No. - CS3310-KSZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3310 CIRRUS-CS3310 Datasheet
224Kb / 18P
   Stereo Digital Volume Control
More results

Similar Description - CS3310-KSZ

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816 Datasheet
368Kb / 12P
   Stereo Digital Volume Control
logo
Micro Analog systems
MAS6116 MAS-MAS6116 Datasheet
208Kb / 18P
   Stereo Digital Volume Control
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816_04 Datasheet
163Kb / 13P
   Stereo Digital Volume Control
logo
Cirrus Logic
CS3310 CIRRUS-CS3310 Datasheet
224Kb / 18P
   Stereo Digital Volume Control
logo
Micro Analog systems
MAS6116 MAS-MAS6116_17 Datasheet
994Kb / 20P
   Stereo Digital Volume Control
MAS9116 MAS-MAS9116 Datasheet
1Mb / 18P
   Stereo Digital Volume Control
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
   Digital volume control stereo headphone amplifier
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com