Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4202-JQZ Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4202-JQZ
Description  Audio Codec ??7 with Headphone Amplifier
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4202-JQZ Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4202-JQZ Datasheet HTML 2Page - Cirrus Logic CS4202-JQZ Datasheet HTML 3Page - Cirrus Logic CS4202-JQZ Datasheet HTML 4Page - Cirrus Logic CS4202-JQZ Datasheet HTML 5Page - Cirrus Logic CS4202-JQZ Datasheet HTML 6Page - Cirrus Logic CS4202-JQZ Datasheet HTML 7Page - Cirrus Logic CS4202-JQZ Datasheet HTML 8Page - Cirrus Logic CS4202-JQZ Datasheet HTML 9Page - Cirrus Logic CS4202-JQZ Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
CS4202
6
DS549PP2
1. CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS (Standard test conditions unless otherwise noted: T
ambient = 25° C,
AVdd = 5.0 V ±5%, DVdd = 3.3 V ±5%; 1 kHz Input Sine wave; Sample Frequency, Fs = 48 kHz; ZAL=100 kΩ/
1000 pF load for Mono and Line Outputs; CDL = 18 pF load (Note 1); Measurement bandwidth is 20 Hz - 20 kHz,
18-bit linear coding for ADC functions, 20-bit linear coding for DAC functions; Mixer registers set for unity gain.
Notes: 1. ZAL refers to the analog output pin loading and CDL refers to the digital output pin loading.
2. Parameter definitions are given in Section 13, Parameter and Term Definitions.
3. Path refers to the signal path used to generate this data. These paths are defined in Section 13,
Parameter and Term Definitions.
4. This specification is guaranteed by silicon characterization; it is not production tested.
Parameter
(Note 2)
Symbol
Path
(Note 3)
CS4202-JQZ
Unit
Min
Typ
Max
Full Scale Input Voltage
Line Inputs
Mic Inputs
(10dB = 0, 20dB = 0)
Mic Inputs
(10dB = 1, 20dB = 0)
Mic Inputs
(10dB = 0, 20dB = 1)
Mic Inputs
(10dB = 1, 20dB = 1)
A-D
A-D
A-D
A-D
A-D
0.91
0.91
0.283
0.091
0.0283
1.00
1.00
0.315
0.10
0.0315
-
-
-
-
-
VRMS
VRMS
VRMS
VRMS
VRMS
Full Scale Output Voltage
Line and Mono Outputs
Headphone Output
D-A
D-A
0.91
-
1.0
1.4
1.13
-
VRMS
VRMS
Frequency Response
(Note 4)
Analog
Ac = ± 0.25 dB
DAC
Ac = ± 0.25 dB
ADC
Ac = ± 0.25 dB
FR
A-A
D-A
A-D
20
20
20
-
-
-
20,000
20,000
20,000
Hz
Hz
Hz
Dynamic Range
Stereo Analog Inputs to LINE_OUT
Mono Analog Input to LINE_OUT
DAC Dynamic Range
ADC Dynamic Range
DR
A-A
A-A
D-A
A-D
90
85
85
85
95
90
90
90
-
-
-
-
dB FS A
dB FS A
dB FS A
dB FS A
DAC SNR
(-20 dB FS input w/ CCIR-RMS filter on output)
SNR
D-A
-
70
-
dB
Total Harmonic Distortion + Noise
(-3 dB FS input signal):
Line Output
Headphone Output
DAC
ADC
(all inputs)
THD+N
A-A
A-A
D-A
A-D
-
-
-
-
-90
-75
-87
-84
-80
-70
-80
-80
dB FS
dB FS
dB FS
dB FS
Power Supply Rejection Ratio
(1 kHz, 0.5 VRMS w/ 5 V DC offset)
(Note 4)
40
60
-
dB
Interchannel Isolation
70
87
-
dB
Spurious Tone
(Note 4)
-
-100
-
dB FS
Input Impedance
(Note 4)
10
-
-
k


Similar Part No. - CS4202-JQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4202-JQ CIRRUS-CS4202-JQ Datasheet
1Mb / 68P
   Audio Codec 97 with headphone Amplifier
More results

Similar Description - CS4202-JQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4202 CIRRUS-CS4202 Datasheet
1Mb / 68P
   Audio Codec 97 with headphone Amplifier
logo
Realtek Semiconductor C...
ALC5623-GR REALTEK-ALC5623-GR_08 Datasheet
1Mb / 75P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
logo
Cirrus Logic
CS4201 CIRRUS-CS4201 Datasheet
1Mb / 68P
   CrystalClear Audio Codec 97 with headphone Amplifier
logo
Realtek Semiconductor C...
ALC5623 REALTEK-ALC5623 Datasheet
1Mb / 74P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
ALC5621 REALTEK-ALC5621 Datasheet
1Mb / 76P
   I2S AUDIO CODEC SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
logo
Texas Instruments
TLV320AIC23 TI-TLV320AIC23 Datasheet
211Kb / 42P
[Old version datasheet]   STereo Audio CODEC, 8- to 96kHz, With Integrated Headphone Amplifier
logo
Protek Devices
PA5331 PROTEC-PA5331 Datasheet
744Kb / 27P
   Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com