Electronic Components Datasheet Search |
|
CS4297A Datasheet(PDF) 6 Page - Cirrus Logic |
|
CS4297A Datasheet(HTML) 6 Page - Cirrus Logic |
6 / 66 page CS4202 6 DS549PP2 1. CHARACTERISTICS AND SPECIFICATIONS ANALOG CHARACTERISTICS (Standard test conditions unless otherwise noted: T ambient = 25° C, AVdd = 5.0 V ±5%, DVdd = 3.3 V ±5%; 1 kHz Input Sine wave; Sample Frequency, Fs = 48 kHz; ZAL=100 kΩ/ 1000 pF load for Mono and Line Outputs; CDL = 18 pF load (Note 1); Measurement bandwidth is 20 Hz - 20 kHz, 18-bit linear coding for ADC functions, 20-bit linear coding for DAC functions; Mixer registers set for unity gain. Notes: 1. ZAL refers to the analog output pin loading and CDL refers to the digital output pin loading. 2. Parameter definitions are given in Section 13, Parameter and Term Definitions. 3. Path refers to the signal path used to generate this data. These paths are defined in Section 13, Parameter and Term Definitions. 4. This specification is guaranteed by silicon characterization; it is not production tested. Parameter (Note 2) Symbol Path (Note 3) CS4202-JQZ Unit Min Typ Max Full Scale Input Voltage Line Inputs Mic Inputs (10dB = 0, 20dB = 0) Mic Inputs (10dB = 1, 20dB = 0) Mic Inputs (10dB = 0, 20dB = 1) Mic Inputs (10dB = 1, 20dB = 1) A-D A-D A-D A-D A-D 0.91 0.91 0.283 0.091 0.0283 1.00 1.00 0.315 0.10 0.0315 - - - - - VRMS VRMS VRMS VRMS VRMS Full Scale Output Voltage Line and Mono Outputs Headphone Output D-A D-A 0.91 - 1.0 1.4 1.13 - VRMS VRMS Frequency Response (Note 4) Analog Ac = ± 0.25 dB DAC Ac = ± 0.25 dB ADC Ac = ± 0.25 dB FR A-A D-A A-D 20 20 20 - - - 20,000 20,000 20,000 Hz Hz Hz Dynamic Range Stereo Analog Inputs to LINE_OUT Mono Analog Input to LINE_OUT DAC Dynamic Range ADC Dynamic Range DR A-A A-A D-A A-D 90 85 85 85 95 90 90 90 - - - - dB FS A dB FS A dB FS A dB FS A DAC SNR (-20 dB FS input w/ CCIR-RMS filter on output) SNR D-A - 70 - dB Total Harmonic Distortion + Noise (-3 dB FS input signal): Line Output Headphone Output DAC ADC (all inputs) THD+N A-A A-A D-A A-D - - - - -90 -75 -87 -84 -80 -70 -80 -80 dB FS dB FS dB FS dB FS Power Supply Rejection Ratio (1 kHz, 0.5 VRMS w/ 5 V DC offset) (Note 4) 40 60 - dB Interchannel Isolation 70 87 - dB Spurious Tone (Note 4) - -100 - dB FS Input Impedance (Note 4) 10 - - k Ω |
Similar Part No. - CS4297A |
|
Similar Description - CS4297A |