Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4270 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4270
Description  24-Bit, 192 kHz Stereo Audio CODEC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4270 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4270 Datasheet HTML 3Page - Cirrus Logic CS4270 Datasheet HTML 4Page - Cirrus Logic CS4270 Datasheet HTML 5Page - Cirrus Logic CS4270 Datasheet HTML 6Page - Cirrus Logic CS4270 Datasheet HTML 7Page - Cirrus Logic CS4270 Datasheet HTML 8Page - Cirrus Logic CS4270 Datasheet HTML 9Page - Cirrus Logic CS4270 Datasheet HTML 10Page - Cirrus Logic CS4270 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
DS686PP1
7
CS4270
2. PIN DESCRIPTIONS - STAND-ALONE MODE
Pin Name
#
Pin Description
SDIN
1
Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
LRCK
2
Left Right Clock (Input/Output) - Determines which channel, Left or Right, is currently active on the
serial audio data line.
MCLK
3
Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters.
SCLK
4
Serial Clock (Input/Output) - Serial clock for the serial audio interface.
VD
5
Digital Power (Input) - Positive power supply for the digital section.
DGND
6
Digital Ground (Input) - Ground reference for the internal digital section.
SDOUT
(M/S)
7
Serial Audio Data Output (Output) - Output for two’s complement serial audio data. This pin must be
pulled-up or pulled-down to select Master or Slave Mode.
VLC
8
Control Port Power (Input) - Determines the signal level for the Control Port.
M1
M0
9
10
Mode Selection (Input) - Determines the operational mode of the device.
I²S/LJ
11
Serial Audio Interface Select (Input) - Selects either the Left-Justified or
I²S format for the Serial Audio
Interface.
MDIV1
MDIV2
12
13
MCLK Divide (Input) - Configures MCLK divider to divide by 1, 1.5, 2, or 4.
RST
14
Reset (Input) - The device enters a low power mode when low.
AINA
AINB
15
16
Analog Input (Input) - The full-scale analog input level is specified in the ADC Analog Characteristics
specification table.
VQ
17
Quiescent Voltage (Output) - Filter connection for internal quiescent voltage.
FILT+
18
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits.
VA
19
Analog Power (Input) - Positive power for the analog sections.
AGND
20
Analog Ground (Input) - Ground reference. Must be connected to analog ground.
MUTEA
MUTEB
21
24
Mute Control (Output) - Each pin is active during power-up initialization, reset, muting, when master
clock to left/right clock frequency ratio is incorrect, or power-down.
AOUTA
AOUTB
22
23
Analog Audio Output (Output) - The full-scale output level is specified in the DAC Analog Characteris-
tics specification table.
1
2
3
4
5
6
7
8
21
22
23
24
9
10
11
12
17
18
19
20
13
14
15
16
SDIN
LRCK
MCLK
SCLK
VD
DGND
SDOUT
VLC
M1
M0
I²S/LJ
MDIV1
MUTEB
AOUTB
AOUTA
MUTEA
AGND
VA
FILT+
VQ
AINB
AINA
RST
MDIV2


Similar Part No. - CS4270

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270-CZZ CIRRUS-CS4270-CZZ Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270-CZZR CIRRUS-CS4270-CZZR Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270-DZZ CIRRUS-CS4270-DZZ Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270-DZZR CIRRUS-CS4270-DZZR Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
More results

Similar Description - CS4270

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
   24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com