Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4270 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB4270
Description  24-Bit, 192 kHz Stereo Audio CODEC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4270 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB4270 Datasheet HTML 1Page - Cirrus Logic CDB4270 Datasheet HTML 2Page - Cirrus Logic CDB4270 Datasheet HTML 3Page - Cirrus Logic CDB4270 Datasheet HTML 4Page - Cirrus Logic CDB4270 Datasheet HTML 5Page - Cirrus Logic CDB4270 Datasheet HTML 6Page - Cirrus Logic CDB4270 Datasheet HTML 7Page - Cirrus Logic CDB4270 Datasheet HTML 8Page - Cirrus Logic CDB4270 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
24-Bit, 192 kHz Stereo Audio CODEC
D/A Features
High Performance
105 dB Dynamic Range
-95 dB THD+N
Selectable Serial Audio Interface Formats
Left-Justified up to 24-bit
I²S up to 24-bit
Right-Justified 16-, and 24-Bit
Control Output for External Muting
On-Chip Digital De-Emphasis
Popguard® Technology
Multi-bit
∆Σ Conversion
Digital Volume Control
Single-Ended Output
A/D Features
High Performance
105 dB Dynamic Range
-95 dB THD+N
Multi-bit
∆Σ Conversion
High-Pass Filter to Remove DC Offsets
Selectable Serial Audio Interface Formats
Left-Justified up to 24-bit
I²S up to 24-bit
Single-Ended Input
System Features
Direct Interface with Logic Levels 1.8 V to 5 V
Internal Digital Loopback
Stand-Alone or Control Port Functionality
Single-Ended Analog Architecture
Supports all Audio Sample Rates from 4 kHz to
216 kHz
3.3 V or 5 V Core Supply
Control Port Supply
1.8 V to 5 V
Register/Hardware
Configuration
Internal Voltage
Reference
Reset
Digital Supply
3.3 V to 5 V
Hardware Mode or
I2C/SPI Software Mode
Control Data
Analog Supply
3.3 V to 5 V
Single-Ended
Outputs
2
PCM Serial
Audio Input
Volume
Controls
Digital
Filters
Switch-Cap
DAC and
Analog Filters
Multi-bit
∆Σ
Modulators
External Mute
Control
Mute Signals
2
2
2
2
Switch-Cap
ADC
Single-Ended
Inputs
Digital
Filters
High-Pass
Filter
PCM Serial
Audio Output
MAY '06
DS686PP1
CS4270


Similar Part No. - CDB4270

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4270 CIRRUS-CDB4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
More results

Similar Description - CDB4270

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
   24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com