Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5371 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5371
Description  Low-power, High-performance ?誇 Modulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5371_05 Datasheet HTML 2Page - Cirrus Logic CS5371_05 Datasheet HTML 3Page - Cirrus Logic CS5371_05 Datasheet HTML 4Page - Cirrus Logic CS5371_05 Datasheet HTML 5Page - Cirrus Logic CS5371_05 Datasheet HTML 6Page - Cirrus Logic CS5371_05 Datasheet HTML 7Page - Cirrus Logic CS5371_05 Datasheet HTML 8Page - Cirrus Logic CS5371_05 Datasheet HTML 9Page - Cirrus Logic CS5371_05 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CS5371 CS5372
6
DS255F3
SWITCHING CHARACTERISTICS Notes:T
A = -40 C to +85 C; VA+ = +5V or +2.5V ± 5%; VA-
= 0V or -2.5V ± 5%; VD = +5V or +3.3V ± 5%; Digital Inputs: Logic 0 = 0V, Logic 1 = VD; CL =50pF
Notes: 17. If MCLK is removed, the CS5372 enters a micro power state.
18. Excludes MCLK input, MCLK should be driven with a signal having rise/fall times of 25 ns or faster.
19. MSYNC latched on MCLK falling edge, data output on next MCLK rising edge.
Parameter
Symbol
Min
Typ
Max
Unit
MCLK Frequency
(Note 17)
fc
0.1
2.048
2.2
MHz
MCLK Duty Cycle
40
-
60
%
MCLK Jitter (In-band or aliased in-band)
-
-
300
ps
MCLK Jitter (Out-of-band)
-
-
1
ns
Rise Times:
Any Digital Input
(Note 18)
Any Digital Output
trisein
triseout
-
-
-
50
50
100
ns
ns
Fall Times:
Any Digital Input
(Note 18)
Any Digital Output
tfallin
tfallout
-
-
-
50
50
100
ns
ns
MSYNC Setup Time to MCLK falling
(Note 19)
tmss
20
-
-
ns
MSYNC Hold Time after MCLK falling
tmsh
20
-
-
ns
MCLK rising to Valid MFLAG
tmfh
-35
65
ns
MCLK rising to Valid MDATA
tmdv
-60
90
ns
0.9 * VD
0.1 * VD
t fallin
t risein
0.9 * VD
0.1 * VD
t riseout
t fallout
Figure 1. Rise and Fall Times
MFLAG
MDATA
t mdv
t mdv
VALID DATA
VALID DATA
MCLK
t mss
MSYNC
t mfh
t msh
Figure 2. CS5372 Interface Timing


Similar Part No. - CS5371_05

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5371-BS CIRRUS-CS5371-BS Datasheet
366Kb / 22P
   LOW POWER HIGH PERFORMANCE MODULATORS
CS5371A CIRRUS-CS5371A Datasheet
534Kb / 32P
   Low-power, High-performance Modulators
CS5371A CIRRUS-CS5371A Datasheet
302Kb / 32P
   Low-power, High-performance ?誇 Modulators
CS5371A-ISZ CIRRUS-CS5371A-ISZ Datasheet
534Kb / 32P
   Low-power, High-performance Modulators
CS5371A-ISZ CIRRUS-CS5371A-ISZ Datasheet
302Kb / 32P
   Low-power, High-performance ?誇 Modulators
More results

Similar Description - CS5371_05

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5371A CIRRUS-CS5371A_09 Datasheet
302Kb / 32P
   Low-power, High-performance ?誇 Modulators
CS5371 CIRRUS-CS5371 Datasheet
366Kb / 22P
   LOW POWER HIGH PERFORMANCE MODULATORS
CS5371A CIRRUS-CS5371A Datasheet
534Kb / 32P
   Low-power, High-performance Modulators
CS5374_0910 CIRRUS-CS5374_0910 Datasheet
462Kb / 44P
   Dual High-performance Amplifier & ?誇 Modulator
CS5374 CIRRUS-CS5374 Datasheet
462Kb / 44P
   Dual High-performance Amplifier & ?誇 Modulator
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Asahi Kasei Microsystem...
AK5355 AKM-AK5355_05 Datasheet
161Kb / 20P
   Low Power 16bit ?誇 ADC
AK5355VT AKM-AK5355VT Datasheet
167Kb / 20P
   Low Power 16bit ?誇 ADC
AK5394A AKM-AK5394A_05 Datasheet
191Kb / 25P
   Super High Performance 192kHz 24-Bit ?誇 ADC
AK4554 AKM-AK4554 Datasheet
197Kb / 17P
   Low Power & Small Package 16bit ?誇 CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com