Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5374_0910 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5374_0910
Description  Dual High-performance Amplifier & ?誇 Modulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374_0910 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5374_0910 Datasheet HTML 2Page - Cirrus Logic CS5374_0910 Datasheet HTML 3Page - Cirrus Logic CS5374_0910 Datasheet HTML 4Page - Cirrus Logic CS5374_0910 Datasheet HTML 5Page - Cirrus Logic CS5374_0910 Datasheet HTML 6Page - Cirrus Logic CS5374_0910 Datasheet HTML 7Page - Cirrus Logic CS5374_0910 Datasheet HTML 8Page - Cirrus Logic CS5374_0910 Datasheet HTML 9Page - Cirrus Logic CS5374_0910 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
CS5374
CS5374
DS862F1
6
DS862F1
ANALOG CHARACTERISTICS (CONT.)
Notes: 9. The upper bandwidth limit is determined by the selected digital filter cut-off frequency.
10. Anti-alias capacitors are discrete external components and must be of good quality (C0G, NPO, poly).
Poor-quality capacitors will degrade total harmonic distortion (THD) performance. See Figure 1 for
external anti-alias filter connections.
11. Maximum integrated noise over the measurement bandwidth for the voltage reference device attached
to the VREF inputs.
Parameter
Symbol
Min
Typ
Max
Unit
Modulator Inputs
Input Signal Frequencies
(Note 9)
VBW
DC
-
2000
Hz
Full-scale Differential AC Input
VAC
--
5
Vpp
Full-scale Differential DC Input
VDC
-2.5
-
2.5
VDC
Input Common Mode Voltage
VCM
-
(VA-)+2.5
-V
Input Voltage Range (Vcm ±Signal)
VRNG
(VA-)+0.7
-
(VA+)-1.25
V
Differential Input Impedance
INR±
INF±
ZDIFINR
ZDIFINF
-
-
20
1
-
-
k
Ω
M
Ω
Single-ended Input Impedance
INR±
INF±
ZSEINR
ZSEINF
-
-
40
2
-
-
k
Ω
M
Ω
External Anti-alias Filter
Series Resistance
(Note 10)
Differential Capacitance
RAA
CDIFF
-
-
680
20
-
-
Ω
nF
VREF Inputs
[VREF+] - [VREF-]
(Note 2, 3)
VREF
-
2.500
-
V
VREF-
(Note 4)VREF-
-
VA -
-
V
VREF Input Current
VREFII
-120
-
µA
VREF Input Noise
(Note 11)VREFIN
--
1
µVrms
MODULATOR
INR+
INF+
INF-
INR-
20nF
C0G
20nF
C0G
680
AMPLIFIER
OUT+
OUT-
680
680
680
CS5374
Figure 1. External Anti-alias Filter Components


Similar Part No. - CS5374_0910

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5374-CNZ CIRRUS-CS5374-CNZ Datasheet
462Kb / 44P
   Dual High-performance Amplifier & ?誇 Modulator
More results

Similar Description - CS5374_0910

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5374 CIRRUS-CS5374 Datasheet
462Kb / 44P
   Dual High-performance Amplifier & ?誇 Modulator
CS5371 CIRRUS-CS5371_05 Datasheet
340Kb / 22P
   Low-power, High-performance ?誇 Modulators
CS5371A CIRRUS-CS5371A_09 Datasheet
302Kb / 32P
   Low-power, High-performance ?誇 Modulators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7560 AVAGO-HCPL-7560 Datasheet
379Kb / 18P
   Optically Isolated Sigma-Delta (誇-?) Modulator
logo
Sanyo Semicon Device
LA6358NM SANYO-LA6358NM Datasheet
105Kb / 4P
   High-Performance Dual Operational Amplifier
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204_08 Datasheet
327Kb / 16P
   High performance dual operational amplifier
logo
Sanyo Semicon Device
LA6358NMM SANYO-LA6358NMM_08 Datasheet
281Kb / 6P
   High-Performance Dual Operational Amplifier
logo
NEC
UPC4558 NEC-UPC4558 Datasheet
309Kb / 10P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER???
UPC4559 NEC-UPC4559 Datasheet
207Kb / 8P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER????
UPC4560 NEC-UPC4560 Datasheet
286Kb / 10P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com