Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC848B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC848B
Description  30 V, 100 mA NPN general-purpose transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC848B Datasheet(HTML) 4 Page - NXP Semiconductors

  BC848B Datasheet HTML 1Page - NXP Semiconductors BC848B Datasheet HTML 2Page - NXP Semiconductors BC848B Datasheet HTML 3Page - NXP Semiconductors BC848B Datasheet HTML 4Page - NXP Semiconductors BC848B Datasheet HTML 5Page - NXP Semiconductors BC848B Datasheet HTML 6Page - NXP Semiconductors BC848B Datasheet HTML 7Page - NXP Semiconductors BC848B Datasheet HTML 8Page - NXP Semiconductors BC848B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BC848_SER_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 17 November 2009
4 of 12
NXP Semiconductors
BC848 series
30 V, 100 mA NPN general-purpose transistors
7.
Characteristics
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
[2]
VBEsat decreases by approximately 1.7 mV/K with increasing temperature.
[3]
VBE decreases by approximately 2 mV/K with increasing temperature.
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =30V; IE =0A
-
-
15
nA
VCB =30V; IE =0A;
Tj = 150 °C
--
5
μA
IEBO
emitter-base cut-off
current
VEB =5V; IE = 0 A
-
-
100
nA
hFE
DC current gain
VCE =5V; IC =10 μA-
150
-
VCE =5V; IC =2mA
BC848B
200
290
450
BC848W
110
-
800
VCEsat
collector-emitter
saturation voltage
IC =10mA; IB = 0.5 mA
-
90
250
mV
IC = 100 mA; IB =5mA
[1] -
200
600
mV
VBEsat
base-emitter
saturation voltage
IC =10mA; IB =0.5 mA
[2] -700
-
mV
IC = 100 mA; IB =5mA
[2] -900
-
mV
VBE
base-emitter voltage
IC =2mA; VCE =5 V
[3] 580
660
700
mV
IC =10mA; VCE =5V
[3] -
-
770
mV
fT
transition frequency
VCE =5V; IC =10 mA;
f = 100 MHz
100
-
-
MHz
Cc
collector capacitance VCB =10V; IE =ie =0A;
f= 1MHz
-2.5
3
pF
NF
noise figure
VCE =5V; IC =200 μA;
RS =2kΩ; f = 1 kHz;
B=200 Hz
-
2
10
dB


Similar Part No. - BC848B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BC848B GE-BC848B Datasheet
301Kb / 6P
   Small Signal Transistors (NPN)
logo
NXP Semiconductors
BC848B PHILIPS-BC848B Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Guangdong Youtai Semico...
BC848B UMW-BC848B Datasheet
439Kb / 3P
   TRANSISTOR (NPN)
logo
Taiwan Semiconductor Co...
BC848B TSC-BC848B Datasheet
126Kb / 3P
   0.2 Watts NPN Plastic-Encapsulate Transistors
logo
Central Semiconductor C...
BC848B CENTRAL-BC848B Datasheet
345Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results

Similar Description - BC848B

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC848_SER NEXPERIA-BC848_SER Datasheet
1Mb / 12P
   30 V, 100 mA NPN general-purpose transistors
Rev. 07 - 17 November 2009
logo
NXP Semiconductors
BC847B.215 NXP-BC847B.215 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Nexperia B.V. All right...
BC847XQA NEXPERIA-BC847XQA Datasheet
1Mb / 15P
   45 V, 100 mA NPN general-purpose transistors
BC847X-Q_SER NEXPERIA-BC847X-Q_SER Datasheet
226Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 2 - 24 June 2021
logo
NXP Semiconductors
BC846B.215 NXP-BC846B.215 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
BC847B.235 NXP-BC847B.235 Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847 PHILIPS-BC847 Datasheet
131Kb / 18P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
2PD601A NXP-2PD601A Datasheet
131Kb / 8P
   NPN general purpose transistors; 50 V, 100 mA
2002 Jun 26
2PD601ASL NXP-2PD601ASL Datasheet
56Kb / 9P
   50 V, 100 mA NPN general-purpose transistors
Rev. 01-6 November 2008
logo
Nexperia B.V. All right...
BC847XW_SER NEXPERIA-BC847XW_SER Datasheet
233Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com