Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856BS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BC856BS
Description  65 V, 100 mA PNP/PNP general-purpose transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC856BS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BC856BS Datasheet HTML 3Page - NXP Semiconductors BC856BS Datasheet HTML 4Page - NXP Semiconductors BC856BS Datasheet HTML 5Page - NXP Semiconductors BC856BS Datasheet HTML 6Page - NXP Semiconductors BC856BS Datasheet HTML 7Page - NXP Semiconductors BC856BS Datasheet HTML 8Page - NXP Semiconductors BC856BS Datasheet HTML 9Page - NXP Semiconductors BC856BS Datasheet HTML 10Page - NXP Semiconductors BC856BS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BC856BS_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 11 August 2009
7 of 12
NXP Semiconductors
BC856BS
65 V, 100 mA PNP/PNP general-purpose transistor
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
VCE = −5 V; Tamb =25 °C
Fig 7.
Per transistor: Collector-emitter saturation
voltage as a function of collector current;
typical values
Fig 8.
Per transistor: Transition frequency as a
function of collector current; typical values
f = 1 MHz; Tamb =25 °C
f = 1 MHz; Tamb =25 °C
Fig 9.
Per transistor: Collector capacitance as a
function of collector-base voltage; typical
values
Fig 10. Per transistor: Emitter capacitance as a
function of emitter-base voltage; typical values
006aaa543
−1
−10−1
−10
VCEsat
(V)
−10−2
IC (mA)
−10−1
−103
−102
−1
−10
(1)
(2)
(3)
IC (mA)
−1
−102
−10
006aaa545
102
103
fT
(MHz)
10
VCB (V)
0
−10
−8
−4
−6
−2
006aab623
4
6
2
8
10
Cc
(pF)
0
006aaa547
VEB (V)
0
−6
−4
−2
9
11
7
13
15
Ce
(pF)
5


Similar Part No. - BC856BS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BC856BS KEXIN-BC856BS Datasheet
1Mb / 5P
   PNP Transistors
logo
Micro Commercial Compon...
BC856BS MCC-BC856BS Datasheet
301Kb / 3P
   PNP Plastic-Encapsulate Transistors 200mW
logo
Nexperia B.V. All right...
BC856BS NEXPERIA-BC856BS Datasheet
1Mb / 12P
   65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01 - 11 August 2009
BC856BSH NEXPERIA-BC856BSH Datasheet
234Kb / 10P
   65 V, 100 mA PNP/PNP general-purpose double transistor
22 March 2021
BC856BSH-Q NEXPERIA-BC856BSH-Q Datasheet
235Kb / 10P
   65 V, 100 mA PNP/PNP general-purpose double transistor
6 May 2021
More results

Similar Description - BC856BS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC856S-Q NEXPERIA-BC856S-Q Datasheet
244Kb / 11P
   65 V, 100 mA PNP/PNP general-purpose transistor
17 June 2021
BC856S NEXPERIA-BC856S Datasheet
241Kb / 11P
   65 V, 100 mA PNP/PNP general-purpose transistor
1 July 2022
logo
NXP Semiconductors
BC856S NXP-BC856S Datasheet
94Kb / 12P
   65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 02-19 February 2009
logo
Nexperia B.V. All right...
BC856BS NEXPERIA-BC856BS Datasheet
1Mb / 12P
   65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01 - 11 August 2009
BC856XQB_SER NEXPERIA-BC856XQB_SER Datasheet
233Kb / 12P
   65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 22 September 2021
BC856XQC-Q_SER NEXPERIA-BC856XQC-Q_SER Datasheet
236Kb / 12P
   65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 23 September 2021
BC856XQC_SER NEXPERIA-BC856XQC_SER Datasheet
235Kb / 12P
   65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 23 September 2021
BC856XQB-Q_SER NEXPERIA-BC856XQB-Q_SER Datasheet
248Kb / 12P
   65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 22 September 2021
BC856BSH-Q NEXPERIA-BC856BSH-Q Datasheet
235Kb / 10P
   65 V, 100 mA PNP/PNP general-purpose double transistor
6 May 2021
BC856BSH NEXPERIA-BC856BSH Datasheet
234Kb / 10P
   65 V, 100 mA PNP/PNP general-purpose double transistor
22 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com