Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD00ED0WEFJ-E2 Datasheet(PDF) 4 Page - Rohm

Part # BD00ED0WEFJ-E2
Description  300mA Secondary Variable Output LDO Regulators for Local Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD00ED0WEFJ-E2 Datasheet(HTML) 4 Page - Rohm

  BD00ED0WEFJ-E2 Datasheet HTML 1Page - Rohm BD00ED0WEFJ-E2 Datasheet HTML 2Page - Rohm BD00ED0WEFJ-E2 Datasheet HTML 3Page - Rohm BD00ED0WEFJ-E2 Datasheet HTML 4Page - Rohm BD00ED0WEFJ-E2 Datasheet HTML 5Page - Rohm BD00ED0WEFJ-E2 Datasheet HTML 6Page - Rohm BD00ED0WEFJ-E2 Datasheet HTML 7Page - Rohm BD00ED0WEFJ-E2 Datasheet HTML 8Page - Rohm BD00ED0WEFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD00GA3WEFJ
Technical Note
4/11
0
2
4
6
02
46
8
10
12
14
Vcc [V]
Reference Data
0
0.1
0.2
0.3
0.4
0.5
0.6
00.1
0.2
0.3
Io [A]
0
20
40
60
80
100
0.1110
100
周波数[KHz]
0
1
2
3
4
5
6
0
0.2
0.4
0.6
0.8
Io〔A〕
Fig.13 Vcc-Vo (Io=0mA)
Fig.14 TSD (Io=0mA)
0.0
2.0
4.0
6.0
100
120
140
160
180
200
Ta [℃]
85
Fig.15 OCP
Fig.16 Minimum dropout Voltage1
Vcc=5V、Io=-0.3A)
Fig.18 Io-Icc
Fig.17 ESR condencer
Fig.19 PSRR(Io=0mA)
Fig.20 Minimum dropout Voltage 2
Vcc=4.5V、Ta=25℃)
Fig.21 Minimum dropout Voltage 3
Vcc=6V、Ta=25℃)
Fig.22 Minimum dropout Voltage 4
Vcc=8V、Ta=25℃)
Fig.23 Minimum dropout Voltage 5
Vcc=10V、Ta=25℃)
Fig.24 Minimum dropout Voltage 6
Vcc=12V、Ta=25℃)
Frequency[KHz]
0.01
0.10
1.00
10.00
0
0.1
0.2
0.3
Io [A]
]
Safety area
0.2
0.3
0.4
0.5
0.6
-25
0
25
50
75
Ta [℃]
0
0.1
0.2
0.3
0.4
0.5
0.6
00.1
0.2
0.3
Io[A]
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.1
0.2
0.3
Io[A]
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.1
0.2
0.3
Io [A]
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.1
0.2
0.3
Io [A]
400
500
600
700
800
900
0
0.1
0.2
0.3
Io[A]


Similar Part No. - BD00ED0WEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00ED0WEFJ-E2 ROHM-BD00ED0WEFJ-E2 Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00ED0WEFJ-E2 ROHM-BD00ED0WEFJ-E2 Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00ED0WEFJ-E2 ROHM-BD00ED0WEFJ-E2 Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00ED0WEFJ-E2 ROHM-BD00ED0WEFJ-E2 Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00ED0WEFJ-E2 ROHM-BD00ED0WEFJ-E2 Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results

Similar Description - BD00ED0WEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00HA3WEFJ ROHM-BD00HA3WEFJ Datasheet
513Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com