Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD00FD0WEFJ-E2 Datasheet(PDF) 5 Page - Rohm

Part # BD00FD0WEFJ-E2
Description  300mA Secondary Variable Output LDO Regulators for Local Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD00FD0WEFJ-E2 Datasheet(HTML) 5 Page - Rohm

  BD00FD0WEFJ-E2 Datasheet HTML 1Page - Rohm BD00FD0WEFJ-E2 Datasheet HTML 2Page - Rohm BD00FD0WEFJ-E2 Datasheet HTML 3Page - Rohm BD00FD0WEFJ-E2 Datasheet HTML 4Page - Rohm BD00FD0WEFJ-E2 Datasheet HTML 5Page - Rohm BD00FD0WEFJ-E2 Datasheet HTML 6Page - Rohm BD00FD0WEFJ-E2 Datasheet HTML 7Page - Rohm BD00FD0WEFJ-E2 Datasheet HTML 8Page - Rohm BD00FD0WEFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD00HA3WEFJ
Technical Note
5/11
Heat Dissipation Characteristics
HTSOP-J8
About Input-to-output capacitor
It is recommended that a capacitor is placed nearby pin between Input pin and GND, output pin and GND.
A capacitor, between input pin and GND, is valid when the power supply impedance is high or drawing is long. Also as for a
capacitor, between output pin and GND, the greater the capacity, more sustainable the line regulation and it makes improvement
of characteristics by load change. However, please check by mounted on a board for the actual application. Ceramic capacitor
usually has difference, thermal characteristics and series bias characteristics, and moreover capacity decreases gradually by
using conditions.
For more detail, please be sure to inquire the manufacturer, and select the best ceramic capacitor.
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
1
2
3
4
DC Bias Voltage [V]
10 Voltage resistance
B1 characteristics
GRM188B11A105KA61D
10 Voltage resistance
B characteristics
6.3 Voltage resistance
B characteristics
4 Voltage resistance
X6S characteristics
10 Voltage resistance
F characteristics
10 Voltage Resistance
F characteristics
Ceramic capacitor capacity- DC bias characteristics
(Characteristics example)
0
25
50
75
100
125
150
0
2.0
3.0
4.0
0.50W
周囲温度
:Ta [℃]
1.0
0.50W
0.82W
1.10W
2.11W
3.76W
Measure condition: mounted on a ROHM board, and IC
Substrate size: 70mm × 70mm × 1.6mm
(Substrate with thermal via)
Solder the substrate and package reverse exposure heat
radiation part
IC only
θ
j-a=249.5℃/W
1-layer(copper foil are :0mm×0mm)
θ
j-a=153.2℃/W
2-layer(copper foil are :15mm×15mm)
θ
j-a=113.6℃/W
2-layer(copper foil are :70mm×70mm)
θ
j-a=59.2℃/W
4-layer(copper foil are :70mm×70mm)
θ
j-a=33.3℃/W
Ambient Temperature :Ta [℃]


Similar Part No. - BD00FD0WEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00FD0WEFJ-E2 ROHM-BD00FD0WEFJ-E2 Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00FD0WEFJ-E2 ROHM-BD00FD0WEFJ-E2 Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00FD0WEFJ-E2 ROHM-BD00FD0WEFJ-E2 Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00FD0WEFJ-E2 ROHM-BD00FD0WEFJ-E2 Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00FD0WEFJ-E2 ROHM-BD00FD0WEFJ-E2 Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results

Similar Description - BD00FD0WEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com