Electronic Components Datasheet Search |
|
BD00FD0WEFJ-E2 Datasheet(PDF) 6 Page - Rohm |
|
BD00FD0WEFJ-E2 Datasheet(HTML) 6 Page - Rohm |
6 / 12 page www.rohm.com 2010.04 - Rev.A © 2010 ROHM Co., Ltd. All rights reserved. BD00HA5WEFJ Technical Note 6/11 ● Heat Loss Thermal design should allow operation within the following conditions. Note that the temperatures listed are the allowed temperature limits, and thermal design should allow sufficient margin from the limits. 1. Ambient temperature Ta can be no higher than 85℃. 2. Chip junction temperature (Tj) can be no higher than 150℃. Chip junction temperature can be determined as follows: Most of the heat loss that occurs in the BD00HA5WEFJ is generated from the output Pch FET. Power loss is determined by the total Vcc-Vo voltage and output current. Be sure to confirm the system input and output voltage and the output current conditions in relation to the heat dissipation characteristics of the VIN and Vo in the design. Bearing in mind that heat dissipation may vary substantially depending on the substrate employed (due to the power package incorporated in the BD00HA5WEFJ make certain to factor conditions such as substrate size into the thermal design. Power consumption (W) = Input voltage (VCC)- Output voltage (Vo) ×Io(Ave) Example) Where VCC=5.0V, VO=3.3V, Io(Ave) = 0.1A, Power consumption (W) = 5.0(V)-3.3(V) ×0.1(A) =0.17(W) ● About equivalent series resistance ESR (ceramic capacitor etc.) ① Calculation based on ambient temperature (Ta) Tj=Ta+θj-a×W < Reference values> 1-layer substrate (copper foil density 0mm×0mm) 2-layer substrate (copper foil density 15mm×15mm) 2-layer substrate (copper foil density 70mm×70mm) 4-layer substrate (copper foil density 70mm×70mm) Substrate size: 70×70×1.6mm 3 (substrate with thermal via) θ j-a: HTSOP-J8 153.2℃/W 113.6℃/W 59.2℃/W 33.3℃/W Capacitor usually has ESR(Equivalent Series Resistance), and operates stable in ESR-OUT range, showed right. Generally, ESR of ceramic, tantalum and electronic capacitor etc. is different for each, so please be sure to check a capacitor which is going to use, and use it inside the stable range, showed right. Then, please evaluate for the actual application. Stable area characteristics (Characteristics example) Capacity-Bias characteristics 0.01 0.1 1 10 100 0 50 100 150 200 IOUT [mA] |
Similar Part No. - BD00FD0WEFJ-E2 |
|
Similar Description - BD00FD0WEFJ-E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |