Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3538FVM Datasheet(PDF) 2 Page - Rohm

Part # BD3538FVM
Description  Regulator IC for Memory Termination
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3538FVM Datasheet(HTML) 2 Page - Rohm

  BD3538FVM Datasheet HTML 1Page - Rohm BD3538FVM Datasheet HTML 2Page - Rohm BD3538FVM Datasheet HTML 3Page - Rohm BD3538FVM Datasheet HTML 4Page - Rohm BD3538FVM Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. B
○ELECTRICAL CHARACTERISTICS (unless otherwise noted, Ta=25℃, VCC=3.3V, VEN=3V, VDDQ=1.8V, VTT_IN=1.8V)
Parameter
Symbol
Standard Value
Unit
Condition
MIN
TYP
MAX
Standby Current
IST
-
0.5
1.0
mA
VEN=0V
Bias Current
ICC
-
2
4
mA
VEN=3V
[Enable]
High Level Enable Input
Voltage
VENHIGH
2.3
-
5.5
V
Low Level Enable Input
Voltage
VENLOW
-0.3
-
0.8
V
Enable Pin Input Current
IEN
-
7
10
uA
VEN=3V
[Termination]
Termination Output Voltage 1
VTT1
VREF-30m
VREF
VREF+30m
V
ITT=-1.0A to 1.0A
Ta=0℃ to 105℃
Termination Output Voltage 2
VTT2
VREF-30m
VREF
VREF+30m
V
VCC=5V, VDDQ=2.5V
VTT_IN=2.5V
ITT=-1.0A to 1.0A
Ta=0℃ to 105℃
Source Current
ITT+
1.0
-
-
A
Sink Current
ITT-
-
-
-1.0
A
Load Regulation
⊿VTT
-
-
50
mV
ITT=-1.0A to 1.0A
Line Regulation
Reg.l
-
20
40
mV
Upper Side ON Resistance 1
HRON1
-
0.45
0.9
Ω
Lower Side ON Resistance 1
LRON1
-
0.45
0.9
Ω
Upper Side ON Resistance 2
HRON2
-
0.4
0.8
Ω
Vcc=5V, VDDQ=2.5V
VTT_IN=2.5V
Lower Side ON Resistance 2
LRON2
-
0.4
0.8
Ω
Vcc=5V, VDDQ=2.5V
VTT_IN=2.5V
[Input of Reference Voltage]
Input Impedance
ZVDDQ
70
100
130
Output Voltage 1
VREF1
1/2×VDDQ
-18m
1/2×VDDQ
1/2×VDDQ
+18m
V
IREF=-5mA to 5mA
Ta=0℃ to 105℃
Output Voltage 2
VREF2
1/2×VDDQ
-40m
1/2×VDDQ
1/2×VDDQ
+40m
V
IREF=-10mA to 10mA
Ta=0℃ to 105℃
Output Voltage 3
VREF3
1/2×VDDQ
-25m
1/2×VDDQ
1/2×VDDQ
+25m
V
VCC=5V, VDDQ=2.5V
VTT_IN=2.5V
IREF=-5mA to 5mA
Ta=0℃ to 105℃
Output Voltage 4
VREF4
1/2×VDDQ
-40m
1/2×VDDQ
1/2×VDDQ
+40m
V
VCC=5V, VDDQ=2.5V
VTT_IN=2.5V
IREF=-10mA to 10mA
Ta=0℃ to 105℃
[UVLO]
UVLO OFF Voltage
VUVLO
2.40
2.55
2.70
V
VCC : sweep up
Hysteresis Voltage
⊿VUVLO
100
160
220
mV
VCC : sweep down


Similar Part No. - BD3538FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3538F ROHM-BD3538F Datasheet
373Kb / 6P
   Silicon Monolithic Integrated Circuit
BD3538F ROHM-BD3538F Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
BD3538F ROHM-BD3538F Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3538F-E2 ROHM-BD3538F-E2 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
More results

Similar Description - BD3538FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3532F ROHM-BD3532F Datasheet
231Kb / 6P
   Regulator IC for Memory Termination
BD3531F ROHM-BD3531F Datasheet
227Kb / 6P
   Regulator IC for Memory termination
BD3533F ROHM-BD3533F Datasheet
253Kb / 6P
   Regulator IC for Memory termination
BD3533FVM ROHM-BD3533FVM Datasheet
253Kb / 6P
   Regulator IC for Memory Termination
BD3533HFN ROHM-BD3533HFN Datasheet
385Kb / 6P
   Regulator IC for Memory termination
BD3537F ROHM-BD3537F Datasheet
1Mb / 6P
   Silicon monolithic integrated circuit Regulator IC for Memory Termination
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
   DDR Memory Termination Regulator
April, 2015 ??Rev. 3
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com