Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF620 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BF620
Description  NPN high-voltage transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF620 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BF620 Datasheet HTML 2Page - NXP Semiconductors BF620 Datasheet HTML 3Page - NXP Semiconductors BF620 Datasheet HTML 4Page - NXP Semiconductors BF620 Datasheet HTML 5Page - NXP Semiconductors BF620 Datasheet HTML 6Page - NXP Semiconductors BF620 Datasheet HTML 7Page - NXP Semiconductors BF620 Datasheet HTML 8Page - NXP Semiconductors BF620 Datasheet HTML 9Page - NXP Semiconductors BF620 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2004 Dec 14
7
NXP Semiconductors
Product data sheet
NPN high-voltage transistors
BF620; BF622
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector-base cut-off current
IE = 0 A; VCB = 200 V
10
nA
IE = 0 A; VCB = 200 V; Tj = 150 °C
10
µA
IEBO
emitter-base cut-off current
IC = 0 A; VEB = 5 V
50
nA
hFE
DC current gain
IC = 25 mA; VCE = 20 V
50
VCEsat
collector-emitter saturation voltage
IC = 30 mA; IB = 5 mA
600
mV
Cre
feedback capacitance
IC = ic = 0 A; VCE = 30 V; f = 1 MHz
1.6
pF
fT
transition frequency
IC = −10 mA; VCE = 10 V; f = 100 MHz
60
MHz


Similar Part No. - BF620

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF620 PHILIPS-BF620 Datasheet
40Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
logo
Zetex Semiconductors
BF620 ZETEX-BF620 Datasheet
34Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
List of Unclassifed Man...
BF620 ETC1-BF620 Datasheet
34Kb / 2P
   The Small-signal NPN Silicon High Voltage Medium-Power Transistor
logo
Guangdong Kexin Industr...
BF620 KEXIN-BF620 Datasheet
52Kb / 2P
   Silicon NPN epitaxial planer type
logo
Shenzhen Jin Yu Semicon...
BF620 HTSEMI-BF620 Datasheet
552Kb / 2P
   TRANSISTOR (NPN)
More results

Similar Description - BF620

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3439 SEME-LAB-2N3439 Datasheet
18Kb / 2P
   HIGH VOLTAGE NPN TRANSISTORS
logo
NXP Semiconductors
2N5550 PHILIPS-2N5550 Datasheet
43Kb / 8P
   NPN high-voltage transistors
1999 Apr 23
BF720 PHILIPS-BF720 Datasheet
42Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
BF820W PHILIPS-BF820W Datasheet
52Kb / 8P
   NPN high-voltage transistors
1997 Sep 03
BST39 PHILIPS-BST39 Datasheet
40Kb / 8P
   NPN high-voltage transistors
1999 Apr 26
PMST5550 PHILIPS-PMST5550 Datasheet
57Kb / 8P
   NPN high-voltage transistors
1999 Apr 29
BF820_BF822 PHILIPS-BF820_BF822_15 Datasheet
105Kb / 6P
   NPN high-voltage transistors
2004 Jan 16
logo
Guangdong Kexin Industr...
BSR19 KEXIN-BSR19 Datasheet
39Kb / 2P
   NPN High-Voltage Transistors
logo
Weitron Technology
MPSA44 WEITRON-MPSA44 Datasheet
895Kb / 4P
   High-Voltage NPN Transistors
logo
Guangdong Kexin Industr...
BST39 KEXIN-BST39 Datasheet
52Kb / 2P
   NPN High-Voltage Transistors
logo
NXP Semiconductors
BF720 NXP-BF720 Datasheet
104Kb / 6P
   NPN high-voltage transistors
1999 Apr 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com