Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KPA33A-B Datasheet(PDF) 2 Page - Littelfuse

Part # 15KPA33A-B
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

15KPA33A-B Datasheet(HTML) 2 Page - Littelfuse

  15KPA33A-B Datasheet HTML 1Page - Littelfuse 15KPA33A-B Datasheet HTML 2Page - Littelfuse 15KPA33A-B Datasheet HTML 3Page - Littelfuse 15KPA33A-B Datasheet HTML 4Page - Littelfuse 15KPA33A-B Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
112
Transient Voltage Suppression Diodes
Revision: January 09, 2009
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Leaded – 15000W > 15KPA series
15KPA Series
Please refer to http://www.Littelfuse.com/series/15KPA.html for current information.
Electrical Characteristics
Part
Number
(Uni)
Part
Number
(Bi)
Reverse
Stand off
Voltage V
R
(Volts)
Breakdown
Voltage V
BR
(Volts) @ I
T
Test
Current
I
T
(mA)
Maximum
Peak
Pulse
Current I
pp
(A)
Maximum
Reverse
Leakage
I
R @ VR
(μ A)
Maximum
Clamping
Voltage
V
C @ IPP
(V)
Agency
Approval
MIN
15KPA17A
15KPA17CA
17
18.99
50
515.4
5000
29.3
X
15KPA18A
15KPA18CA
18
20.11
50
488.7
5000
30.9
X
15KPA20A
15KPA20CA
20
22.34
20
440.2
1500
34.3
X
15KPA22A
15KPA22CA
22
24.57
10
407.0
500
37.1
X
15KPA24A
15KPA24CA
24
26.81
5
371.0
150
40.7
X
15KPA26A
15KPA26CA
26
29.04
5
343.2
50
44.0
X
15KPA28A
15KPA28CA
28
31.28
5
317.9
25
47.5
X
15KPA30A
15KPA30CA
30
33.51
5
297.8
15
50.7
X
15KPA33A
15KPA33CA
33
36.90
5
276.1
2
54.7
X
15KPA36A
15KPA36CA
36
40.20
5
252.5
2
59.8
X
15KPA40A
15KPA40CA
40
44.70
5
229.5
2
65.8
X
15KPA43A
15KPA43CA
43
48.00
5
216.3
2
69.8
X
15KPA45A
15KPA45CA
45
50.30
5
207.4
2
72.8
X
15KPA48A
15KPA48CA
48
53.60
5
194.3
2
77.7
X
15KPA51A
15KPA51CA
51
57.00
5
182.1
2
82.9
X
15KPA54A
15KPA54CA
54
60.30
5
172.2
2
87.7
X
15KPA58A
15KPA58CA
58
64.80
5
161.0
2
93.8
X
15KPA60A
15KPA60CA
60
67.00
5
155.0
2
97.4
X
15KPA64A
15KPA64CA
64
71.50
5
144.9
2
104.2
X
15KPA70A
15KPA70CA
70
78.20
5
132.9
2
113.6
X
15KPA75A
15KPA75CA
75
83.80
5
123.8
2
122.0
X
15KPA78A
15KPA78CA
78
87.10
5
119.7
2
126.1
X
15KPA85A
15KPA85CA
85
94.90
5
109.7
2
137.6
X
15KPA90A
15KPA90CA
90
100.50
5
103.7
2
145.6
X
15KPA100A
15KPA100CA
100
111.70
5
93.6
2
161.3
X
15KPA110A
15KPA110CA
110
122.90
5
84.5
2
178.6
X
15KPA120A
15KPA120CA
120
134.00
5
78.5
2
192.3
X
15KPA130A
15KPA130CA
130
145.20
5
72.5
2
208.3
X
15KPA150A
15KPA150CA
150
167.60
5
62.4
2
241.9
X
15KPA160A
15KPA160CA
160
178.70
5
58.4
2
258.6
X
15KPA170A
15KPA170CA
170
189.90
5
55.4
2
272.7
X
15KPA180A
15KPA180CA
180
201.10
5
52.3
2
288.5
X
15KPA200A
15KPA200CA
200
223.40
5
47.3
2
319.1
X
15KPA220A
15KPA220CA
220
245.70
5
35.2
2
428.6
X
15KPA240A
15KPA240CA
240
268.10
5
39.3
2
384.6
X
15KPA260A
15KPA260CA
260
290.40
5
36.2
2
416.7
X
15KPA280A
15KPA280CA
280
312.80
5
33.2
2
454.5
X
For bidirectional type having V
R of 30 volts and less, the IR limit is double.
For parts without A, the V
BR is +10% and Vc is 5% higher than with A parts


Similar Part No. - 15KPA33A-B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA33A-HR LITTELFUSE-15KPA33A-HR Datasheet
999Kb / 7P
   The 15KPA-HR High Reliability Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
15KPA33A-HRA LITTELFUSE-15KPA33A-HRA Datasheet
998Kb / 7P
   The 15KPA-HRA High Reliability Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
More results

Similar Description - 15KPA33A-B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com