Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ78CA Datasheet(PDF) 5 Page - Littelfuse

Part # SMDJ78CA
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMDJ78CA Datasheet(HTML) 5 Page - Littelfuse

  SMDJ78CA Datasheet HTML 1Page - Littelfuse SMDJ78CA Datasheet HTML 2Page - Littelfuse SMDJ78CA Datasheet HTML 3Page - Littelfuse SMDJ78CA Datasheet HTML 4Page - Littelfuse SMDJ78CA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
57
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
Revision: January 09, 2009
SMDJ Series
Surface Mount – 3000W > SMDJ series
Please refer to http://www.Littelfuse.com/series/SMDJ.html for current information.
Part Numbering System
Packaging
Part number
Component
Package
Quantity
Packaging
Option
Packaging
Specification
SMDJxxxXX
DO-214AB
3000
EIA STD RS-481
Part Marking System
VOLTAGE
BI-DIRECTIONAL
5% VOLTAGE TOLERANCE
SERIES
SMDJ XXX C A
F
Product Type
Littelfuse Logo
Cathode Band


Similar Part No. - SMDJ78CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
SMDJ78CA MDE-SMDJ78CA Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Yint Electroni...
SMDJ78CA YINT-SMDJ78CA Datasheet
1Mb / 5P
   SMDJ Transient Voltage Suppressor Diode Series
logo
MERITEK ELECTRONICS COR...
SMDJ78CA MERITEK-SMDJ78CA Datasheet
295Kb / 4P
   Transient Voltage Suppressors
logo
Microdiode Electronics ...
SMDJ78CA CHENDA-SMDJ78CA Datasheet
1Mb / 5P
   TRANSIENT VTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
SMDJ78CA RUILON-SMDJ78CA Datasheet
908Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - SMDJ78CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com