Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD15TD2WNVX-TL Datasheet(PDF) 2 Page - Rohm

Part # BD15TD2WNVX-TL
Description  Ultra Small Package CMOS LDO Regulators suitable for High-density Mounting
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD15TD2WNVX-TL Datasheet(HTML) 2 Page - Rohm

  BD15TD2WNVX-TL Datasheet HTML 1Page - Rohm BD15TD2WNVX-TL Datasheet HTML 2Page - Rohm BD15TD2WNVX-TL Datasheet HTML 3Page - Rohm BD15TD2WNVX-TL Datasheet HTML 4Page - Rohm BD15TD2WNVX-TL Datasheet HTML 5Page - Rohm BD15TD2WNVX-TL Datasheet HTML 6Page - Rohm BD15TD2WNVX-TL Datasheet HTML 7Page - Rohm BD15TD2WNVX-TL Datasheet HTML 8Page - Rohm BD15TD2WNVX-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Technical Note
2/40
BU□□TD2WNVX Series
www.rohm.com
2010.02 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Recommended operating range (Do not exceed Pd.)
Parameter
Symbol
Limits
Unit
Input power supply voltage
VIN
1.7 ~ 5.5
V
Maximum output current
IMAX
200
mA
Recommended operating conditions
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Input capacitor
CIN
0.22
(*2)
0.47
µF A ceramic capacitor is recommended.
Output capacitor
CO
0.22
(*2)
0.47
µF A ceramic capacitor is recommended.
(*2) Set the capacity value of the capacitor so that it does not fall below the minimum value, taking temperature characteristics, DC device characteristics, and
change with time into consideration.
Electrical characteristics(Ta=25℃, VIN=VOUT+1.0V
(*3), STBY=VIN, CIN=0.47μF, CO=0.47μF, unless otherwise noted.)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Overall Device
Output Voltage
VOUT
VOUT×0.99
VOUT
VOUT×1.01
V
IOUT=10µA,VOUT≧2.5V
VOUT-25mV
VOUT+25mV
IOUT=10µA,VOUT<2.5V
Operating Current
IIN
-
35
60
µA IOUT=0mA
Operating Current (STBY)
ISTBY
-
-
1.0
µA STBY=0V
Ripple Rejection Ratio
RR
45
70
-
dB VRR=-20dBv,fRR=1kHz,IOUT=10mA
Dropout Voltage
VSAT
-
280
540
mV
2.5V≦VOUT≦2.6V
(VIN=0.98*VOUT,IOUT=200mA)
-
260
500
mV
2.7V≦VOUT≦2.85V
(VIN=0.98*VOUT,IOUT=200mA)
-
240
460
mV
2.9V≦VOUT≦3.1V
(VIN=0.98*VOUT,IOUT=200mA)
-
220
420
mV
3.2V≦VOUT≦3.4V
(VIN=0.98*VOUT,IOUT=200mA)
Line Regulation
VDL
-
2
20
mV
VIN=VOUT+1.0V to 5.5V
(*4)
IOUT=10µA
Load Regulation
VDLO
-
10
80
mV IOUT=0.01mA to 100mA
Over-current Protection (OCP)
Limit Current
ILMAX
220
400
700
mA Vo=VOUT*0.95
Short Current
ISHORT
20
70
150
mA Vo=0V
Standby Block
Discharge Resistor
RDSC
20
50
80
VIN=4.0V, STBY=0V, VOUT=4.0V
STBY Pin Pull-down Current
ISTB
0.1
0.6
2.0
µA STBY=1.5V
STBY Control Voltage
ON
VSTBH
1.2
-
5.5
V
OFF
VSTBL
-0.3
-
0.3
V
* This product does not have radiation-proof design.
(*3) VIN=2.5V for VOUT≦1.5V
(*4) VIN=2.5V to 5.5V for VOUT≦1.5V
Electrical characteristics
of each Output Voltage
(Ta=25℃, STBY=VIN, CIN=0.47μF, Co=0.47μF, unless otherwise noted.)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
1.2V
Maximum
output current
80
160
-
mA
VIN=1.7V
200
-
-
VIN=2.1V
1.5V
60
120
-
VIN=1.8V
200
-
-
VIN=2.2V
1.8V
200
-
-
VIN=2.4V
1.9V
200
-
-
VIN=2.5V


Similar Part No. - BD15TD2WNVX-TL

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
BD151300 WINCHESTER-BD151300 Datasheet
48Kb / 1P
   Modular Tooling & Testers
logo
Motorola, Inc
BD157 MOTOROLA-BD157 Datasheet
100Kb / 4P
   Plastic Medium Power NPN Silicon Transistor
logo
Fairchild Semiconductor
BD157 FAIRCHILD-BD157 Datasheet
38Kb / 4P
   Low Power Fast Switching Output Stages
logo
Inchange Semiconductor ...
BD157 ISC-BD157 Datasheet
228Kb / 2P
   Silicon NPN Power Transistor
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
   PLASTIC MEDIUM POWER SILICON TRANSISTORS
More results

Similar Description - BD15TD2WNVX-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
Shanghai Leiditech Elec...
BZT52C56 LEIDITECH-BZT52C56 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C62 LEIDITECH-BZT52C62 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C82 LEIDITECH-BZT52C82 Datasheet
912Kb / 3P
   Small package size suitable for high-density applications
BZT52C5V6 LEIDITECH-BZT52C5V6 Datasheet
928Kb / 3P
   Small package size suitable for high-density applications
logo
Rohm
BU10JA2MNVX-C ROHM-BU10JA2MNVX-C Datasheet
1Mb / 21P
   Ultra-Small Package FULL CMOS LDO Regulator
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
logo
Micropac Industries
61059 MICROPAC-61059 Datasheet
89Kb / 3P
   Suitable for high-density PC Board mounting
logo
Torex Semiconductor
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com