Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24091 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24091
Description  1A, Single-Input, Single Cell Li-Ion Battery Charger
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24091 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24091 Datasheet HTML 5Page - Texas Instruments BQ24091 Datasheet HTML 6Page - Texas Instruments BQ24091 Datasheet HTML 7Page - Texas Instruments BQ24091 Datasheet HTML 8Page - Texas Instruments BQ24091 Datasheet HTML 9Page - Texas Instruments BQ24091 Datasheet HTML 10Page - Texas Instruments BQ24091 Datasheet HTML 11Page - Texas Instruments BQ24091 Datasheet HTML 12Page - Texas Instruments BQ24091 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
OUT
Charge
Pump
IN
OUT
OUTREGREF
TJ°C
125°CREF
IN
IN
ISET
Charge
Pump
PRE-TERM
75mA
+
CHARGE
CONTROL
OUT
VTERM_EN
ISET2 (LO=ISET,HI=USB500,
FLOAT =USB100)
VCOLD-FLT
VHOT-45 C
o
VTTDM
VCE
TS
5 A
m
45 A
m
VCLAMP = 1.4V
ColdTemperature
SinkCurrent
=45 A
m
LO =TTDMMODE
HI=CHIP DISABLE
OUT
CHG
ON:
OnDuring
1stChargeOnly
OFF:
+Increasedfrom 75 A to85 A for
m
m
1
st minuteofcharge.
+
_
+
_
+
_
+
_
+
_
+
_
InternalCharge
CurrentSense
w/ MultipleOutputs
USBSense
Resistor
USB100/500REF
+
_
1.5V
FASTCHARGE
PRE-CHARGE
PG
HI =SuspendCHG
VCOLD-10 C
o
VHOT-FLT
HI =HalfCHG(JEITA)
HI =4.06Vreg(JEITA)
VDISABLE
+
_
+
-
80 mV
Input
Power
Detect
+
_
IN-DPMREF
0.9VFloat
TS - bq24090
+
_
Disable
SinkCurrent
=20 A
m
Bq24090 isasshown
X2Gain(1:2)
Term:Pre-CHGX2
TermReference
Pre-CHGReference
I
x1.5V
540 A
OUT
W
T C
J
o
150 C
ThermalShutdown
o
REF
IN
OVPREF
bq24090, bq24091
bq24092, bq24093
www.ti.com
SLUS968A – JANUARY 2010 – REVISED FEBRUARY 2010
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq24090 bq24091


Similar Part No. - BQ24091

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24091 TI-bq24091 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
bq24091 TI-bq24091 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24091 TI-BQ24091 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24091 TI-BQ24091 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
BQ24091DGQR TI-BQ24091DGQR Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
More results

Similar Description - BQ24091

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24045 TI1-BQ24045 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
[Old version datasheet]   800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com