Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7626 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7626
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626 Datasheet(HTML) 3 Page - Analog Devices

  AD7626 Datasheet HTML 1Page - Analog Devices AD7626 Datasheet HTML 2Page - Analog Devices AD7626 Datasheet HTML 3Page - Analog Devices AD7626 Datasheet HTML 4Page - Analog Devices AD7626 Datasheet HTML 5Page - Analog Devices AD7626 Datasheet HTML 6Page - Analog Devices AD7626 Datasheet HTML 7Page - Analog Devices AD7626 Datasheet HTML 8Page - Analog Devices AD7626 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7626
Rev. A | Page 3 of
SPECIFICATIONS
VDD1 = 5 V; VDD2 = 2.5 V; VIO = 2.5 V; REF = 4.096 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
VIN+ − VIN−
−VREF
+VREF
V
Operating Input Voltage
VIN+, VIN− to AGND
−0.1
VREF + 0.1
V
Common-Mode Input Range
VREF/2 − 0.05
VREF/2
VREF/2 + 0.05
V
CMRR
fIN = 1 MHz
68
dB
Input Current
Midscale input
168
μA
THROUGHPUT
Complete Cycle
100
ns
Throughput Rate
0.1
10
MSPS
DC ACCURACY
Integral Linearity Error
−1.5
±0.45
+1.5
LSB
No Missing Codes
16
Bits
Differential Linearity Error
−0.5
±0.35
+0.5
LSB
Transition Noise
0.6
LSB
Zero Error, TMIN to TMAX
−6
±1
+6
LSB
Zero Error Drift
0.5
ppm/°C
Gain Error, TMIN to TMAX
8
20
LSB
Gain Error Drift
0.7
ppm/°C
Power Supply Sensitivity1
VDD1 = 5 V ± 5%
0.4
LSB
VDD2 = 2.5 V ± 5%
0.2
LSB
AC ACCURACY
fIN = 20 kHz, −0.5 dBFS
Dynamic Range
90.5
91.5
dB
Signal-to-Noise Ratio
90
91
dB
Spurious-Free Dynamic Range
105
dB
Total Harmonic Distortion
−105.5
dB
Signal-to-(Noise + Distortion)
89.5
91
dB
fIN = 100 kHz, −0.5 dBFS
Signal-to-Noise Ratio
91.3
dB
Spurious-Free Dynamic Range
104.5
dB
Total Harmonic Distortion
−102.5
dB
Signal-to-(Noise + Distortion)
91
dB
fIN = 2.4 MHz, −1 dBFS
Signal-to-Noise Ratio
88.5
dBFS
Spurious-Free Dynamic Range
84
dB
Total Harmonic Distortion
−86
dB
Signal-to-(Noise + Distortion)
85
dB
fIN = 2.4 MHz, −6 dBFS
Signal-to-Noise Ratio
89
dBFS
Spurious-Free Dynamic Range
84
dB
Total Harmonic Distortion
−93
dB
Signal-to-(Noise + Distortion)
88
dB
−3 dB Input Bandwidth
95
MHz
Aperture Jitter
0.25
ps rms
INTERNAL REFERENCE
Output Voltage
REFIN @ 25°C
1.18
1.19
1.2
V
Temperature Drift
−40°C to +85°C
±15
ppm/°C


Similar Part No. - AD7626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7626 AD-AD7626 Datasheet
159Kb / 11P
   16-Bit, 10MSPS PulSAR Differential ADC
Rev. PrC
AD7626 AD-AD7626 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
AD7626BCPZ AD-AD7626BCPZ Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
More results

Similar Description - AD7626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
   16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
   16-Bit, 6 MSPS, PulSAR Differential ADC
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD7960 AD-AD7960 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626 Datasheet
159Kb / 11P
   16-Bit, 10MSPS PulSAR Differential ADC
Rev. PrC
AD7625 AD-AD7625 Datasheet
160Kb / 11P
   16-Bit, 6MSPS PulSAR Differential ADC
Rev. PrB
AD7952 AD-AD7952 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7903BRQZ AD-AD7903BRQZ Datasheet
1Mb / 29P
   Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com