Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9265BCPZ-125 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9265BCPZ-125
Description  16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9265BCPZ-125 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9265BCPZ-125 Datasheet HTML 7Page - Analog Devices AD9265BCPZ-125 Datasheet HTML 8Page - Analog Devices AD9265BCPZ-125 Datasheet HTML 9Page - Analog Devices AD9265BCPZ-125 Datasheet HTML 10Page - Analog Devices AD9265BCPZ-125 Datasheet HTML 11Page - Analog Devices AD9265BCPZ-125 Datasheet HTML 12Page - Analog Devices AD9265BCPZ-125 Datasheet HTML 13Page - Analog Devices AD9265BCPZ-125 Datasheet HTML 14Page - Analog Devices AD9265BCPZ-125 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
AD9265
Rev. A | Page 11 of 44
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
SYNC
CLK+
CLK–
AVDD
AVDD
OEB
DNC
DCO
D0 (LSB)
D1
D2
D3
DITHER
AVDD
SVDD
CSB
SCLK/DFS
SDIO/DCS
DRVDD
DNC
OR
D15 (MSB)
D14
35
AVDD
36
34
33
32
31
30
29
28
27
26
25
AD9265
PARALLEL
CMOS
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NOTES
1. DNC = DO NOT CONNECT.
2. THE EXPOSED THERMAL PAD ON THE BOTTOM OF THE PACKAGE
PROVIDES THE ANALOG GROUND FOR THE INPUT. THIS EXPOSED
PAD MUST BE CONNECTED TO GROUND FOR PROPER OPERATION.
Figure 4. LFCSP Parallel CMOS Pin Configuration (Top View)
Table 8. Pin Function Descriptions (Parallel CMOS Mode)
Pin No.
Mnemonic
Type
Description
ADC Power Supplies
13, 20, 29
DRVDD
Supply
Digital Output Driver Supply (1.8 V Nominal).
4, 5, 34, 36, 45
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
33
SVDD
Supply
SPI Input/Output Voltage.
7, 28, 39, 40
DNC
Do Not Connect.
0
AGND
Ground
Analog Ground. The exposed thermal pad on the bottom of the package provides
the analog ground for the input. This exposed pad must be connected to ground for
proper operation.
ADC Analog
42
VIN+
Input
Differential Analog Input Pin (+).
43
VIN−
Input
Differential Analog Input Pin (−).
38
VREF
Input/output
Voltage Reference Input/Output.
37
SENSE
Input
Voltage Reference Mode Select. See Table 11 for details.
47
RBIAS
Input/output
External Reference Bias Resistor.
46
VCM
Output
Common-Mode Level Bias Output for Analog Inputs.
2
CLK+
Input
ADC Clock Input—True.
3
CLK−
Input
ADC Clock Input—Complement.
Digital Input
1
SYNC
Input
Digital Synchronization Pin. Slave mode only.
Digital Outputs
9
D0 (LSB)
Output
CMOS Output Data.
10
D1
Output
CMOS Output Data.
11
D2
Output
CMOS Output Data.
12
D3
Output
CMOS Output Data.
14
D4
Output
CMOS Output Data.
15
D5
Output
CMOS Output Data.
16
D6
Output
CMOS Output Data.
17
D7
Output
CMOS Output Data.
18
D8
Output
CMOS Output Data.


Similar Part No. - AD9265BCPZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9265BCPZ-125 AD-AD9265BCPZ-125 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9265BCPZ-125

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com