Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SSW-135-22-F-D-VS Datasheet(HTML) 30 Page - Analog Devices

Part No. SSW-135-22-F-D-VS
Description  ADSP-BF506F EZ-KIT Lite® Evaluation System Manual
Download  75 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

SSW-135-22-F-D-VS Datasheet(HTML) 30 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 75 page
background image
LEDs and Push Buttons
1-10
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
LEDs and Push Buttons
The EZ-KIT Lite provides two push buttons and three LEDs for gen-
eral-purpose I/O.
The three LEDs, labeled LED2 through LED4, are accessed via the PF0–2
GPIO ports of the processor. For information on how to program the flag
pins, refer to the ADSP-BF50x Blackfin Processor Hardware Reference
Manual.
The two general-purpose push buttons are labeled PB0 and PB1. The status
of each individual button can be read through programmable flag inputs
PF3
and PF4. The flag reads a ‘1’ when a corresponding switch is being
pressed. When the switch is released, the flag reads a ‘0’. A connection
between the push buttons and processor inputs is established through
a DIP switch, SW3. The switch should be turned off when another source is
driving the signals.
An example program is included in the ADSP-BF506F installation direc-
tory to demonstrate functionality of the LEDs and push buttons.
The LED and push button signals also are connected to the expansion
interface II; see “Expansion Interface II Connectors (P2 and P4)” on
page 2-18 and “Expansion Interface II Connector (P3)” on page 2-18.
JTAG Interface
The board contains an on-board debug agent that operates via a USB port.
The ADSP-BF506F EZ-KIT Lite receives all of its power via USB; there-
fore, no power supply is required.
For debugging, the JTAG connector (P1) allows an external emulator
(USB-ICE or HPUSB-ICE) to connect to the board, instead of the
on-board debug agent.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn