Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSW-135-22-F-D-VS Datasheet(PDF) 43 Page - Analog Devices

Part # SSW-135-22-F-D-VS
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSW-135-22-F-D-VS Datasheet(HTML) 43 Page - Analog Devices

Back Button SSW-135-22-F-D-VS Datasheet HTML 39Page - Analog Devices SSW-135-22-F-D-VS Datasheet HTML 40Page - Analog Devices SSW-135-22-F-D-VS Datasheet HTML 41Page - Analog Devices SSW-135-22-F-D-VS Datasheet HTML 42Page - Analog Devices SSW-135-22-F-D-VS Datasheet HTML 43Page - Analog Devices SSW-135-22-F-D-VS Datasheet HTML 44Page - Analog Devices SSW-135-22-F-D-VS Datasheet HTML 45Page - Analog Devices SSW-135-22-F-D-VS Datasheet HTML 46Page - Analog Devices SSW-135-22-F-D-VS Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
2-9
ADSP-BF506F EZ-KIT Lite Hardware Reference
Push Button Enable Switch (SW3)
The push button enable switch (SW3) disconnects the associated push but-
ton circuit from the general-purpose I/O (GPIO) pins of the processor
and allows the signals to be used on the expansion interface.
ADC Enable Switch (SW4)
The ADC enable switch (SW4) disconnects the ADC from the SPORT1
interface of the processor and allows the ADC signals to be used on the
SD connector or the expansion interface.
CAN Enable Switch (SW5)
The CAN enable switch (SW5) disconnects the CAN transceiver from the
processor and allows the CAN signals to be used on the expansion
interface.
Reset Push Button (SW6)
The reset push button (SW6) resets the processor via a hardware reset. The
reset push button does not reset the on-board debug agent. The only way
to reset the debug agent is to cycle power.
6
Reserved
7
Boots through UART0 slave from host device
Table 2-5. Boot Mode Select Switch (SW2) (Cont’d)
SW2 Position
Processor Boot Mode


Similar Part No. - SSW-135-22-F-D-VS

ManufacturerPart #DatasheetDescription
logo
C&K Components
SSW-1-1-5-S01-R370 CK-COMPONENTS-SSW-1-1-5-S01-R370 Datasheet
522Kb / 3P
   Surface Mount Mini Size 2 Pole Snap-acting Switches
28 Jun 21
logo
Microchip Technology
SSW-104-01-G-S MICROCHIP-SSW-104-01-G-S Datasheet
1Mb / 45P
   Evaluation Board (ADM00805) User?셲 Guide
11/07/16
logo
ATMEL Corporation
SSW-105-01-G-D ATMEL-SSW-105-01-G-D Datasheet
857Kb / 38P
   AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
logo
Texas Instruments
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
3Mb / 60P
[Old version datasheet]   TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
2Mb / 47P
[Old version datasheet]   Performance Demonstration Kit for the ADS130E08
More results

Similar Description - SSW-135-22-F-D-VS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
82-000770-01 AD-82-000770-01 Datasheet
2Mb / 91P
   ADSP-TS201S EZ-KIT Lite Evaluation System
ADZS-TS201S AD-ADZS-TS201S Datasheet
869Kb / 2P
   ADSP-TS201S EZ-KIT Lite Evaluation Kit for the TigerSHARC Processor
ADSP-CM408F AD-ADSP-CM408F Datasheet
594Kb / 87P
   The ADSP-CM408F EZ-KIT Lite is designed
EE-196 AD-EE-196 Datasheet
1Mb / 15P
   ADSP-BF535 Blackfin짰 EZ-KIT Lite??CompactFlash짰 Interface
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
logo
Maxim Integrated Produc...
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
logo
CML Microcircuits
EV0171 CMLMICRO-EV0171 Datasheet
970Kb / 16P
   Evaluation Kit User Manual
EV6020 CMLMICRO-EV6020 Datasheet
931Kb / 13P
   Evaluation Kit User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com