Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSW-135-22-F-D-VS Datasheet(PDF) 60 Page - Analog Devices

Part # SSW-135-22-F-D-VS
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSW-135-22-F-D-VS Datasheet(HTML) 60 Page - Analog Devices

Back Button SSW-135-22-F-D-VS Datasheet HTML 56Page - Analog Devices SSW-135-22-F-D-VS Datasheet HTML 57Page - Analog Devices SSW-135-22-F-D-VS Datasheet HTML 58Page - Analog Devices SSW-135-22-F-D-VS Datasheet HTML 59Page - Analog Devices SSW-135-22-F-D-VS Datasheet HTML 60Page - Analog Devices SSW-135-22-F-D-VS Datasheet HTML 61Page - Analog Devices SSW-135-22-F-D-VS Datasheet HTML 62Page - Analog Devices SSW-135-22-F-D-VS Datasheet HTML 63Page - Analog Devices SSW-135-22-F-D-VS Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
A-6
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
75
1
2.5UH 30%
IND013
L3
COILCRAFT
MSS1038-252NLB
76
1
33.0K 1/16W 1%
0402
R2
ROHM
MCR01MZPF3302
77
1
1.0K 1/16W 1%
0402
R120
PANASONIC
ERJ-2RKF1001X
78
1
220PF 50V 10%
0402
C1
DIGI-KEY
311-1035-2-ND
79
2
100K 1/16W 5%
0402
R1,R114
DIGI-KEY
541-100KJTR-ND
80
1
2.2UF 25V 10%
0805
C103
DIGI-KEY
490-3331-1-ND
81
2
1A
MBR130LSFT1G
SOD-123FL
D4-5
ON SEMI
MBR130LSFT1G
82
2
1UH 20%
IND019
L1-2
COILCRAFT
ME3220-102MLB
83
2
33 1/16W 5%
RNS003
RN1-2
PANASONIC
EXB-2HV330JV
84
3
1.2K 1/16W 1%
0402
R12-13,R117
VISHAY
CRCW04021K20FKED
85
2
4.3 1/4W 5%
1206
R116,R119
PANASONIC
ERJ-8GEYJ4R3V
86
1
2.67K 1/16W 1%
0402
R118
PANASONIC
ERJ-2RKF2671X
87
1
22UH 20%
IND024
L4
COILCRAFT
MSD7342-223MLC
88
1
330 100MHZ
1.5A 0805
FER1
MURATA
BLM21PG331SN1D
89
1
3300PF 50V 5%
0603
C95
PANASONIC
ECJ-1VB1H332K
Ref.
Qty.
Description
Reference Designator
Manufacturer
Part Number


Similar Part No. - SSW-135-22-F-D-VS

ManufacturerPart #DatasheetDescription
logo
C&K Components
SSW-1-1-5-S01-R370 CK-COMPONENTS-SSW-1-1-5-S01-R370 Datasheet
522Kb / 3P
   Surface Mount Mini Size 2 Pole Snap-acting Switches
28 Jun 21
logo
Microchip Technology
SSW-104-01-G-S MICROCHIP-SSW-104-01-G-S Datasheet
1Mb / 45P
   Evaluation Board (ADM00805) User?셲 Guide
11/07/16
logo
ATMEL Corporation
SSW-105-01-G-D ATMEL-SSW-105-01-G-D Datasheet
857Kb / 38P
   AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
logo
Texas Instruments
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
3Mb / 60P
[Old version datasheet]   TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
2Mb / 47P
[Old version datasheet]   Performance Demonstration Kit for the ADS130E08
More results

Similar Description - SSW-135-22-F-D-VS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
82-000770-01 AD-82-000770-01 Datasheet
2Mb / 91P
   ADSP-TS201S EZ-KIT Lite Evaluation System
ADZS-TS201S AD-ADZS-TS201S Datasheet
869Kb / 2P
   ADSP-TS201S EZ-KIT Lite Evaluation Kit for the TigerSHARC Processor
ADSP-CM408F AD-ADSP-CM408F Datasheet
594Kb / 87P
   The ADSP-CM408F EZ-KIT Lite is designed
EE-196 AD-EE-196 Datasheet
1Mb / 15P
   ADSP-BF535 Blackfin짰 EZ-KIT Lite??CompactFlash짰 Interface
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
logo
Maxim Integrated Produc...
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
logo
CML Microcircuits
EV0171 CMLMICRO-EV0171 Datasheet
970Kb / 16P
   Evaluation Kit User Manual
EV6020 CMLMICRO-EV6020 Datasheet
931Kb / 13P
   Evaluation Kit User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com