Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZNBG3011Q16 Datasheet(PDF) 10 Page - Zetex Semiconductors

Part # ZNBG3011Q16
Description  FET BIAS CONTROLLER AND POLARITY SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZNBG3011Q16 Datasheet(HTML) 10 Page - Zetex Semiconductors

Back Button ZNBG3011Q16 Datasheet HTML 2Page - Zetex Semiconductors ZNBG3011Q16 Datasheet HTML 3Page - Zetex Semiconductors ZNBG3011Q16 Datasheet HTML 4Page - Zetex Semiconductors ZNBG3011Q16 Datasheet HTML 5Page - Zetex Semiconductors ZNBG3011Q16 Datasheet HTML 6Page - Zetex Semiconductors ZNBG3011Q16 Datasheet HTML 7Page - Zetex Semiconductors ZNBG3011Q16 Datasheet HTML 8Page - Zetex Semiconductors ZNBG3011Q16 Datasheet HTML 9Page - Zetex Semiconductors ZNBG3011Q16 Datasheet HTML 10Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PACKAGE DIMENSIONS
PIN No.1
IDENTIFICATION
RECESS
FOR PIN 1
A
B
D
C
K
PIN
Millimetres
Inches
MIN
MAX
MIN
MAX
A
4.80
4.90
0.189
0.196
B
0.635
0.025 NOM
C
0.177
0.267
0.007
0.011
D
0.20
0.30
0.008
0.012
E
3.81
3.99
0.15
0.157
F
1.35
1.75
0.053
0.069
G
0.10
0.25
0.004
0.01
J
5.79
6.20
0.228
0.244
K
0°8°0°8°
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries)
Fax: (44)161 622 4420
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
47 Mall Drive, Unit 4
3510 Metroplaza, Tower 2
agents and distributors in
D-81673 München
Commack NY 11725
Hing Fong Road,
major countries world-wide
Germany
USA
Kwai Fong, Hong Kong
©Zetex plc 1998
Telefon: (49) 89 45 49 49 0
Telephone: (516) 543-7100
Telephone:(852) 26100 611
Fax: (49) 89 45 49 49 49
Fax: (516) 864-7630
Fax: (852) 24250 494
Internet:http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be
used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating
to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price
or conditions of supply of any product or service.
ZNBG3010
ZNBG3011


Similar Part No. - ZNBG3011Q16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3011 DIODES-ZNBG3011 Datasheet
388Kb / 10P
   FET BIAS CONTROLLER AND POLARITY SWITCH
More results

Similar Description - ZNBG3011Q16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3010 DIODES-ZNBG3010 Datasheet
388Kb / 10P
   FET BIAS CONTROLLER AND POLARITY SWITCH
logo
Zetex Semiconductors
ZNBG3115 ZETEX-ZNBG3115 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3110 ZETEX-ZNBG3110 Datasheet
657Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Unisonic Technologies
UTCL8115 UTC-UTCL8115 Datasheet
174Kb / 13P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Zetex Semiconductors
ZNBG3113 ZETEX-ZNBG3113 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3210 ZETEX-ZNBG3210 Datasheet
387Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
logo
Aimtron Technology
AT1504 AIMTRON-AT1504 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
AT1506 AIMTRON-AT1506 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com