Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZNBG3115 Datasheet(PDF) 11 Page - Zetex Semiconductors

Part # ZNBG3115
Description  FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZNBG3115 Datasheet(HTML) 11 Page - Zetex Semiconductors

Back Button ZNBG3115 Datasheet HTML 6Page - Zetex Semiconductors ZNBG3115 Datasheet HTML 7Page - Zetex Semiconductors ZNBG3115 Datasheet HTML 8Page - Zetex Semiconductors ZNBG3115 Datasheet HTML 9Page - Zetex Semiconductors ZNBG3115 Datasheet HTML 10Page - Zetex Semiconductors ZNBG3115 Datasheet HTML 11Page - Zetex Semiconductors ZNBG3115 Datasheet HTML 12Page - Zetex Semiconductors ZNBG3115 Datasheet HTML 13Page - Zetex Semiconductors ZNBG3115 Datasheet HTML 14Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ZNBG3115
ZNBG3116
ISSUE 1 - JUNE 2001
11
ZNBG3115/16
Regulator
Single Universal LNB Block Diagram
The following block diagram shows the main section of an LNB designed for use with the Astra series of satellites.
The ZNBG3115/16 is the core bias and control element of this circuit. The ZNBG provides the negative rail, FET
bias control, polarisation switch control, tone detection and band switching with the minimum of external
components. Compared to other discrete component solutions the ZNBG circuit reduces component count and
overall size required.
APPLICATIONS INFORMATION(cont)
Tone detection and band switching is provided on the ZNBG3115/16 devices. The following diagrams describes
how this feature operates in an LNB and the external components required. The presence or absence of a 22kHz
tone applied to pin FIN enables one of two outputs, LB and HB. A tone present enables HB and tone absent enables
LB. The LB and HB outputs are designed to be compatible with both MMIC and discrete (bipolar or FET) local
oscillator applications, selected by pin LOV. Referring to Figure 1 wiring pin LOV to ground will force LB and HB to
switch between -2.6V (disabled) and 0V (enabled). Referring to Figures 2 and 3 wiring pin LOV to a positive voltage
source (e.g. a potential divider across VCC and ground set to the required oscillator supply voltage, VOSC) will
force the LB and HB outputs to provide the required oscillator supply, VOSC, when enabled and 0V when disabled.
Tone Detection Function
LOV
FIN
LB
HB
LB
HB
GND
22kHz
Disabled
Enabled
-3 volts
GND
Enabled
Disabled
GND
-3 volts
VOSC
22kHz
Disabled
Enabled
Note 1
VOSC
Enabled
Disabled
VOSC
Note 1
Note 1:
0 volts in typical LNB applications but ependent on extenal circuits.


Similar Part No. - ZNBG3115

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG3115 ZETEX-ZNBG3115 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3115 DIODES-ZNBG3115 Datasheet
614Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION
logo
Zetex Semiconductors
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
More results

Similar Description - ZNBG3115

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCL8115 UTC-UTCL8115 Datasheet
174Kb / 13P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Zetex Semiconductors
ZNBG3113 ZETEX-ZNBG3113 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3210 ZETEX-ZNBG3210 Datasheet
387Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3110 ZETEX-ZNBG3110 Datasheet
657Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3211Q20TC DIODES-ZNBG3211Q20TC Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION ISSUE 2 - FEBRUARY 2000
logo
Aimtron Technology
AT1512 AIMTRON-AT1512 Datasheet
351Kb / 11P
   FET BIAS CONTROLLER AND TONE DETECTION
AT1511 AIMTRON-AT1511 Datasheet
276Kb / 9P
   FET BIAS CONTROLLER AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3113 DIODES-ZNBG3113 Datasheet
698Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION
ZNBG3210 DIODES-ZNBG3210 Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com