Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4340-EP Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA4340-EP
Description  SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4340-EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA4340-EP Datasheet HTML 7Page - Texas Instruments OPA4340-EP Datasheet HTML 8Page - Texas Instruments OPA4340-EP Datasheet HTML 9Page - Texas Instruments OPA4340-EP Datasheet HTML 10Page - Texas Instruments OPA4340-EP Datasheet HTML 11Page - Texas Instruments OPA4340-EP Datasheet HTML 12Page - Texas Instruments OPA4340-EP Datasheet HTML 13Page - Texas Instruments OPA4340-EP Datasheet HTML 14Page - Texas Instruments OPA4340-EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CAPACITIVE LOAD AND STABILITY
DRIVING A/D CONVERTERS
10
to
W
20W
OPAx340
V+
V
IN
V
OUT
R
S
R
L
C
L
OPA340-EP
OPA2340-EP
OPA4340-EP
www.ti.com ................................................................................................................................................................................................ SBOS433 – AUGUST 2008
OPA340 series operational amplifiers can drive a
OPA340 series operational amplifiers are optimized
wide
range
of
capacitive
loads.
However,
all
for driving medium speed (up to 100 kHz) sampling
operational amplifiers under certain conditions may
A/D converters. However, they also offer excellent
become unstable. Op amp configuration, gain, and
performance
for
higher
speed
converters.
The
load value are just a few of the factors to consider
OPA340 series provides an effective means of
when determining stability. An operational amplifier in
buffering the A/D converter’s input capacitance and
unity gain configuration is most susceptible to the
resulting charge injection while providing signal gain.
effects of capacitive load. The capacitive load reacts
Figure 27 and Figure 28 show the OPA340 driving an
with the operational amplifier’s output resistance,
ADS7816. The ADS7816 is a 12-bit, micro-power
along with any additional load resistance, to create a
sampling converter in the tiny MSOP-8 package.
pole in the small-signal response which degrades the
When used with the miniature package options of the
phase
margin.
In
unity
gain,
OPA340
series
OPA340
series,
the
combination
is
ideal
for
operational amplifiers perform well, with a pure
space-limited and low-power applications. For further
capacitive
load
up
to
approximately
1000
pF.
information consult the ADS7816 data sheet. With the
Increasing gain enhances the amplifier’s ability to
OPA340 in a noninverting configuration, an RC
drive more capacitance. See the typical performance
network at the amplifier’s output can be used to filter
curve Small-Signal Overshoot vs Capacitive Load.
high-frequency noise in the signal (see Figure 27). In
the
inverting
configuration,
filtering
may
be
One method of improving capacitive load drive in the
accomplished with a capacitor across the feedback
unity gain configuration is to insert a 10-
Ω to 20-Ω
resistor (see Figure 28).
resistor in series with the output, as shown in
Figure 26. This significantly reduces ringing with large
capacitive loads. However, if there is a resistive load
in parallel with the capacitive load, it creates a
voltage divider introducing a dc error at the output
and slightly reduces output swing. This error may be
insignificant. For example, with RL = 10 kΩ and
RS = 20 Ω, there is only approximately 0.2% error at
the output.
Figure 26. Series Resistor in Unity-Gain
Configuration Improves Capacitive Load Drive
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA340-EP OPA2340-EP OPA4340-EP


Similar Part No. - OPA4340-EP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4340 BURR-BROWN-OPA4340 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA4340EA BURR-BROWN-OPA4340EA Datasheet
348Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA4340EA BURR-BROWN-OPA4340EA Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA4340EA-250 BURR-BROWN-OPA4340EA-250 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA4340EA-2500 BURR-BROWN-OPA4340EA-2500 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
More results

Similar Description - OPA4340-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA353 TI-OPA353 Datasheet
220Kb / 13P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353 TI1-OPA353_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA344UAG4 TI-OPA344UAG4 Datasheet
1Mb / 28P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY,RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com